Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAE002K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE002K
Description  Comm. Adapters, Signal Conv.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE002K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE002K Datasheet HTML 1Page - Balluff Korea Ltd. BAE002K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Comm. Adapters, Signal Conv.
BOS S-M01
Order Code: BAE002K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-90-90
Subject to change without notice: 124201
ETIM 6.0: EC001774
BAE002K_0.41_2021-12-17
1 / 2
Basic features
Approval/Conformity
CE
WEEE
Function
Frequency monitor up to 1 kHz
Switching amplifier up to 400 mA
Use
for S4, switching output on pin 4
Electrical connection
Connection
M12x1
Connection slots
M12x1-Female, 4-pin
Electrical data
Current consumption without load,
max.
10 mA
Input frequency max.
10000 Hz
Input resistance
≥ 10 kOhm
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
400 mA
Residual ripple max.
2.4 Vpp
Environmental conditions
Ambient temperature
0...60 °C
IP rating
IP67
Functional safety
MTTF (40 °C)
923 a
Interface
Digital inputs
PNP
Duration of time function
1…65535 ms
Switching output
PNP
Material
Housing material
PBT
PA
Mechanical data
Dimension
Ø 20 x 60 mm
Mounting part
Union nut M12x1
Remarks
For additional information, refer to user's guide.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.


Similar Part No. - BAE002K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE002E BALLUFF-BAE002E Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002H BALLUFF-BAE002H Datasheet
118Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002J BALLUFF-BAE002J Datasheet
117Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002L BALLUFF-BAE002L Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.41_2021-12-17
BAE002M BALLUFF-BAE002M Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.42_2021-12-17
More results

Similar Description - BAE002K

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
Housings, Power and Signal Cables, Connector Adapters
logo
Balluff Korea Ltd.
BAE002E BALLUFF-BAE002E Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002H BALLUFF-BAE002H Datasheet
118Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002J BALLUFF-BAE002J Datasheet
117Kb / 2P
Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE002L BALLUFF-BAE002L Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.41_2021-12-17
BAE002M BALLUFF-BAE002M Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.42_2021-12-17
BAE002N BALLUFF-BAE002N Datasheet
103Kb / 2P
Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE011H BALLUFF-BAE011H Datasheet
101Kb / 2P
Comm. Adapters, Signal Conv.
0.36_2021-12-15
BAE011J BALLUFF-BAE011J Datasheet
100Kb / 2P
Comm. Adapters, Signal Conv.
0.34_2021-10-29
BAE0070 BALLUFF-BAE0070 Datasheet
110Kb / 2P
Comm. Adapters, Signal Conv.
0.34_2021-07-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com