Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAE00KF Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00KF
Description  Lighting for Vision Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00KF Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00KF Datasheet HTML 1Page - Balluff Korea Ltd. BAE00KF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lighting for Vision Systems
BAE LX-VS-SR012
Order Code: BAE00KF
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 229767
ETIM 6.0: EC00996
BAE00KF_0.62_2021-10-12
1 / 2
Basic features
Approval/Conformity
CE
UKCA
EAC
WEEE
Operating mode
Normal (continuous operation)
Scope of delivery
Spotlight
2x nut M12x1
Use
for Vision sensor BVS
Version
Spotlight
Display/Operation
Adjuster
no
Electrical connection
Cable length L
0.3 m
Conductor cross-section
0.34 mm²
Connection
M12x1-Male, 4-pin, A-coded
Connection type
Cable with connector, 0.3 m
Number of conductors
4
Polarity reversal protected
yes
Electrical data
Current draw max.
83 mA
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-10...50 °C
IP rating
IP67
Interface
Digital inputs
Trigger
Material
Housing material
1.4301 stainless steel
PC
Mechanical data
Dimension
Ø 12 x 41.5 mm
Mounting part
Nut M12x1
Optical features
Beam angle
20 °
Illumination area
Ø 9 mm
Illuminence (0.1 m)
600 Lux
LED group per IEC 62471
Exempt Group
Light type
LED, red light
Wave length
617 nm
Remarks
Install the device so that no direct view of the light source is possible even during operation.
Overheating protection, shutdown at 65° C
For additional information, refer to user's guide.
Order accessories separately.


Similar Part No. - BAE00KF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00KH BALLUFF-BAE00KH Datasheet
108Kb / 2P
Capacitive Sensors
2024-09-18
BAE00KJ BALLUFF-BAE00KJ Datasheet
114Kb / 2P
Capacitive Sensors
2024-10-17
BAE00KP BALLUFF-BAE00KP Datasheet
121Kb / 3P
Lighting for Vision Systems
0.65_2021-10-12
BAE00KR BALLUFF-BAE00KR Datasheet
121Kb / 2P
Lighting for Vision Systems
0.66_2021-10-12
More results

Similar Description - BAE00KF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000H BALLUFF-BAE000H Datasheet
103Kb / 2P
Lighting for Vision Systems
0.71_2021-10-12
BAE000K BALLUFF-BAE000K Datasheet
124Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00NU BALLUFF-BAE00NU Datasheet
115Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00P0 BALLUFF-BAE00P0 Datasheet
119Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE011R BALLUFF-BAE011R Datasheet
125Kb / 2P
Lighting for Vision Systems
0.28_2021-10-22
BAE011T BALLUFF-BAE011T Datasheet
126Kb / 2P
Lighting for Vision Systems
0.34_2021-10-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com