Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC1G32 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC1G32
Description  2-input OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G32 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC1G32 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G32 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74LVC1G32
Rev.3.00 Jul. 01, 2004 page 2 of 8
Function Table
Inputs
AB
Output Y
LLL
HL
H
LH
H
HHH
H: High level
L: Low level
Pin Arrangement
(Bottom view)
(Top view)
OUTY
15
2
34
GND
Height 0.5 mm
0.5 mm pitch
0.17 mm 5–Ball (CP)
0.23 mm 5–Ball (CL)
0.9 mm
INA
INB
VCC
Pin#1 INDEX
Logic Diagram
A
B
Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com