Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3878 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3878
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3878 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3878 Datasheet HTML 1Page - National Semiconductor (TI) LP3878 Datasheet HTML 2Page - National Semiconductor (TI) LP3878 Datasheet HTML 3Page - National Semiconductor (TI) LP3878 Datasheet HTML 4Page - National Semiconductor (TI) LP3878 Datasheet HTML 5Page - National Semiconductor (TI) LP3878 Datasheet HTML 6Page - National Semiconductor (TI) LP3878 Datasheet HTML 7Page - National Semiconductor (TI) LP3878 Datasheet HTML 8Page - National Semiconductor (TI) LP3878 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3878
Micropower 800mA Low Noise "Ceramic Stable" Voltage
Regulator for Low Voltage Applications
Designed for Use with Very Low ESR Output Capacitors
General Description
The LP3878 is a 800 mA fixed-output voltage regulator
designed to provide high performance and low noise in
applications requiring output voltages between 1.0V and
1.2V.
Output noise can be reduced to 18µV (typical) by connecting
an external 10 nF capacitor to the bypass pin.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP3878 delivers superior performance:
Ground Pin Current: Typically 5 mA @ 800 mA load, and
180 µA @ 100 µA load.
Sleep Mode: The LP3878 draws less than 2.0 µA quiescent
current when shutdown pin is pulled low.
Precision Output: Guaranteed output voltage accuracy is
1% at room temperature.
Features
n
Standard output voltage: 1.00V
n
Custom voltages available from 1.0V to 1.2V (50 mV
increments)
n
Input voltage: 2.2 to 6.0V
n
1% initial output accuracy
n
Guaranteed 800 mA continuous output current
n
Designed for use with low ESR ceramic capacitors
n
Very low output noise with external capacitor
n
Sense option improves load regulation
n
8 Lead LLP surface mount package
n <
2.0 µA quiescent current in shutdown
n
Low ground pin current at all loads
n
High peak current capability (1200 mA typical)
n
Overtemperature/overcurrent protection
n
0˚C to +125˚C junction temperature range
Applications
n
ASIC Power Supplies In:
- Desktops, Notebooks and Graphic Cards
- Set Top Boxes, Printers and Copiers
n
DSP and FPGA Power Supplies
n
SMPS Post-Regulator
Basic Application Circuit
20086803
*Capacitance values shown are minimum required to assure stability, but may be increased without limit. Larger output capacitor provides improved dynamic
response. Output capacitor must meet ESR requirements (see Application Hints).
**Shutdown must be actively terminated (see App. Hints). Tie to INPUT (Pin4) if not used.
VIPis a trademark of National Semiconductor Corporation.
November 2004
© 2004 National Semiconductor Corporation
DS200868
www.national.com


Similar Part No. - LP3878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
logo
Texas Instruments
LP3878-ADJ TI-LP3878-ADJ Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP3878-ADJ TI-LP3878-ADJ_15 Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP38788 TI2-LP38788 Datasheet
482Kb / 16P
LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
REVISED OCTOBER 2012
LP38788-ADJ TI2-LP38788-ADJ Datasheet
482Kb / 16P
LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
REVISED OCTOBER 2012
More results

Similar Description - LP3878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
STC2G15 STMICROELECTRONICS-STC2G15 Datasheet
234Kb / 8P
BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
Apr-2003
logo
National Semiconductor ...
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
logo
Texas Instruments
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com