Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78458AM Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78458AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458AM Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78458AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
2
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
8 Programmable pull-down I/O pins
7 programmable pull-high I/O pins
8 programmable open-drain I/O pins
Two clocks per instruction cycle
Package types:
20 pin DIP 300mil: EM78458AP
20 pin SOP 300mil: EM78458AM
24 pin skinny DIP 300mil: EM78459AK
24 pin SOP 300mi: EM78459AM
Power on voltage detector available (2.0V
± 0.15V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com