Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL3115A2 Datasheet(PDF) 5 Page - SparkFun Electronics

Part # MPL3115A2
Description  MPL3115A2 Pressure Sensor Hookup Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

MPL3115A2 Datasheet(HTML) 5 Page - SparkFun Electronics

  MPL3115A2 Datasheet HTML 1Page - SparkFun Electronics MPL3115A2 Datasheet HTML 2Page - SparkFun Electronics MPL3115A2 Datasheet HTML 3Page - SparkFun Electronics MPL3115A2 Datasheet HTML 4Page - SparkFun Electronics MPL3115A2 Datasheet HTML 5Page - SparkFun Electronics MPL3115A2 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• setOversampleRate(byte) receives a value from 0 to 7. Check table
59 above. Allows the user to change sample rate from 1 to 128.
Increasing the sample rate significantly decreases the noise of each
reading but increases the amount of time to capture each reading. A
oversample of 128 will decrease noise to 1.5Pa RMS but requires
512ms per reading. The datasheet recommends oversample of 128
for basic applications.
The MPL3115A2 has a large number of features. Checkout the datasheet
for more info. This library covers the fundamentals. Help us out! Please add
or suggesting more features on the MPL3115A2 github repo.
Pressure vs Altimeter Setting
If you grabbed a few pressure readings and became confused when you
checked your local weather conditions, you’re not alone. The absolute
pressure that the MPL3115A2 pressure sensor outputs is not the same as
what weather stations refer to as pressure. Weather stations report
pressure in lots of different units:
• millimeters Mercury (mmHg)
• inches Mercury (inHg)
• millibars or hectopascals (hPa)
• pounds per square inch
• atmospheres (Atm)
• kilogram per centimeter
• inches of water
In barometer mode, the MPL3115A2 outputs pressure readings in Pascals.
This is most closely related to millibars or hectopascals. But, why does the
sensor not agree with the station around the corner? This is because many
stations report pressure in a few different formats. Have a look at all these
numbers for the Boulder/Denver area. The key is that your local weather
station is probably reporting the Altimeter setting.
Thank you National Oceanic and Atmospheric Administration (NOAA)! Did
you know they’re headquartered here in Boulder, CO?
• Station pressure - This is the pressure that is observed at a specific
elevation and is the true barometric pressure of a location.
• Altimeter setting - This is the pressure reading most commonly
heard in radio and television broadcasts. It is not the true barometric
pressure at a station. Instead it is the pressure “reduced” to mean
sea level using the temperature profile of the “standard” atmosphere,
which is representative of average conditions over the United States
at 40 degrees north latitude.
• Mean sea level pressure - This is the pressure reading most
commonly used by meteorologists to track weather systems at the
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com