Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8607 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8607
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices LT8607 Datasheet HTML 22Page - Analog Devices LT8607 Datasheet HTML 23Page - Analog Devices LT8607 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8607/LT8607B
24
Rev. D
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2021
01/21
www.analog.com
PART NUMBER
DESCRIPTION
COMMENTS
LT8606
42V, 350mA, 92% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 3µA
VIN: 3V to 42V, VOUT = 0.778V, IQ = 3µA, ISD = <1µA,
MSOP-10E Package
LT8608
42V, 1.5A, 92% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3V to 42V, VOUT = 0.778V, IQ = 2.5µA, ISD = <1µA,
MSOP-10E Package
LT8609/LT8609A/
LT8609B
42V, 2A/3A Peak, 93% Efficiency, 2.2MHz Synchronous MicroPower Step-
Down DC/DC Converter with IQ = 2.5µA
VIN: 3V to 42V, VOUT = 0.782V, IQ = 2.5µA, ISD = <1µA,
MSOP-10E Package
LT8609S
42V, 2A/3A Peak, 93% Efficiency, 2.2MHz Synchronous Silent Switcher® 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3V to 42V, VOUT = 0.774V, IQ = 2.5µA, ISD = <1µA,
3mm × 3mm LQFN-16 Package
LT8610A/LT8610AB/
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 42V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
MSOP-16E Package
LT8616
42V, Dual 2.5A + 1.5A, 95% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 5µA
VIN: 3.4V to 42V, VOUT = 0.8V, IQ = 5µA, ISD = <1µA,
TSSOP-28E, 3mm × 6mm QFN-28 Packages
LT8620
65V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 65V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
MSOP-16E 3mm × 5mm QFN-24 Packages
LT8614
42V, 4A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 42V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
3mm × 4mm QFN-18 Package
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 42V, VOUT = 0.97V, IQ = 3µA, ISD = <1µA,
3mm × 6mm QFN-28 Package
LT8640
42V, 5A, 96% Efficiency, 3MHz Synchronous MicroPower Step-Down DC/
DC Converter with IQ = 2.5µA
VIN: 3.4V to 42V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
3mm × 4mm QFN-18 Package
LT8640S
42V, 6A, 96% Efficiency, 3MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 42V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
4mm × 4mm LQFN-24 Package
LT8645S
65V, 8A, 96% Efficiency, 3MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN: 3.4V to 65V, VOUT = 0.97V, IQ = 2.5µA, ISD = <1µA,
4mm × 6mm LQFN-32 Package
LT8602
42V, Quad Output (2.5A+1.5A+1.5A+1.5A) 95% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC Converter with IQ = 25µA
VIN: 3V to 42V, VOUT = 0.8V, IQ = 25µA, ISD = <1µA,
6mm × 6mm QFN-40 Package
RELATED PARTS
TYPICAL APPLICATION
5V and 3.3V with Ratio Tracking
C7
0.1µF
C8
4.7µF
C10
22µF
8607 TA07
C11
10pF
L2
2.2µH
R5
18.2k
R10
22k
R6
1MΩ
R7
309k
L2: XFL3012-222ME
C2, C4, C8, C10: X7R 1206
R8
100k
C12
1µF
VIN
EN/UV
SYNC
LT8607
(MSOP)
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VOUT
3.3V
750mA
POWER
GOOD
fSW = 2MHz
C1
0.1µF
C2
4.7µF
C3
1µF
C4
22µF
C5
10pF
L1
4.7µH
R1
18.2k
R2
1MΩ
R3
187k
L1: XFL4020-472ME
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
(MSOP)
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
5.7V TO 42V
VOUT
5.0V
750mA
POWER
GOOD
fSW = 2MHz
R9
80.6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com