Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1422 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1422
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1422 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1422 Datasheet HTML 2Page - Analog Devices LTC1422 Datasheet HTML 3Page - Analog Devices LTC1422 Datasheet HTML 4Page - Analog Devices LTC1422 Datasheet HTML 5Page - Analog Devices LTC1422 Datasheet HTML 6Page - Analog Devices LTC1422 Datasheet HTML 7Page - Analog Devices LTC1422 Datasheet HTML 8Page - Analog Devices LTC1422 Datasheet HTML 9Page - Analog Devices LTC1422 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4213
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
tRESET vs Temperature
tFAULT(SLOW) vs VCC
tFAULT(SLOW) vs Temperature
TA = 25°C. VCC = 5V unless otherwise noted.
tFAULT(FAST) vs VCC
tFAULT(FAST) vs Temperature
TEMPERATURE (°C)
–50
0
50
100 125
4213 G19
–25
25
75
60
70
80
90
100
BIAS SUPPLY VOLTAGE (V)
2.0
10
14
12
16
18
3.0
4.0
5.0
6.0
4213 G20
20
22
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100 125
4213 G21
–25
25
75
10
14
12
16
18
20
22
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G22
2.5
3.5
4.5
5.5
0.9
0.8
0.7
1.0
1.1
1.2
1.3
4213 G23
0.9
0.8
0.7
1.0
1.1
1.2
1.3
TEMPERATURE (°C)
–50
0
50
100 125
–25
25
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com