Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8607DFN Datasheet(PDF) 1 Page - Analog Devices

Part # LT8607DFN
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607DFN Datasheet(HTML) 1 Page - Analog Devices

  LT8607DFN Datasheet HTML 1Page - Analog Devices LT8607DFN Datasheet HTML 2Page - Analog Devices LT8607DFN Datasheet HTML 3Page - Analog Devices LT8607DFN Datasheet HTML 4Page - Analog Devices LT8607DFN Datasheet HTML 5Page - Analog Devices LT8607DFN Datasheet HTML 6Page - Analog Devices LT8607DFN Datasheet HTML 7Page - Analog Devices LT8607DFN Datasheet HTML 8Page - Analog Devices LT8607DFN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8607/LT8607B
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 750mA Synchronous
Step-Down Regulator with
2.5µA Quiescent Current
The LT®8607 is a compact, high efficiency, high speed syn-
chronous monolithic step-down switching regulator that
consumes only 1.7µA of non-switching quiescent current.
The LT8607 can deliver 750mA of continuous current.
Burst Mode operation enables high efficiency down to very
low output currents while keeping the output ripple below
10mVP-P. Internal compensation with peak current mode
topology allows the use of small inductors and results in
fast transient response and good loop stability. The EN/UV
pin has an accurate 1V threshold and can be used to pro-
gram VIN undervoltage lockout or to shut down the LT8607
reducing the input supply current to 1µA.
The MSOP package includes a SYNC pin to synchronize
to an external clock, or to select Burst Mode operation
or pulse-skipping with or without spread spectrum; the
TR/SS pin programs soft-start or tracking. The DFN
package omits these pins and can be purchased in pulse-
skipping or Burst Mode operation.
APPLICATIONS
n
Wide Input Voltage Range: 3.0V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation
n
<3µA IQ Regulating 12VIN to 3.3VOUT
n
Output Ripple <10mVP-P
n
High Efficiency 2MHz Synchronous Operation
n
>93% Efficiency at 0.5A, 12VIN to 5VOUT
n
750mA Maximum Continuous Output
n
Fast Minimum Switch-On Time: 35ns
n
LT8607 Available in Fixed 5V Output
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Spread Spectrum Frequency Modulation for Low EMI
n
Allows Use of Small Inductors
n
Low Dropout
n
Peak Current Mode Operation
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small Thermally Enhanced 10-Lead MSOP Package
or 8-Lead 2mm × 2mm DFN Package
n
AEC-Q100 Qualified for Automotive Applications
General Purpose Step-Down Converter
Low EMI Step Down
All registered trademarks and trademarks are the property of their respective owners.
5V, 2MHz Step-Down
12VIN to 5VOUT Efficiency
fSW = 2MHz
L = 4.7µH
IOUT (mA)
0
125
250
375
500
625
750
50
55
60
65
70
75
80
85
90
95
100
8607 TA01b
PART NUMBER PACKAGE OUTPUT VOLTAGE SYNC FUNCTIONALITY
LT8607MSE
MSE
Programmable
Programmable
LT8607-5MSE MSE
Fixed 5V Out
Programmable
LT8607DFN
DFN
Programmable
Burst Mode Operation
LT8607BDFN
DFN
Programmable
Pulse-Skipping Mode
0.1µF
4.7µF
1µF
22µF
X7R
1206
10pF
4.7µH
18.2k
1MΩ
187k
100k
10nF
VIN
EN/UV
SYNC
LT8607
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
5.7V TO 42V
VOUT
5V
750mA
POWER
GOOD
fSW = 2MHz
8607 TA01a


Similar Part No. - LT8607DFN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LT8607 AD-LT8607 Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
More results

Similar Description - LT8607DFN

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8611EUDDPBF LINEAR_DIMENSIONS-LT8611EUDDPBF Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5關A Quiescent Current
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973-5 LINER-LT3973-5_15 Datasheet
472Kb / 24P
42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8616 LINER-LT8616 Datasheet
272Kb / 6P
Dual 42V Synchronous Monolithic Step-Down Regulator with 6.5關A Quiescent Current
LT8608 LINER-LT8608 Datasheet
2Mb / 24P
42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com