Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-14567 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14567
Description  USB to Micro?륛 Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14567 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14567 Datasheet HTML 1Page - SparkFun Electronics COM-14567 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
USB to Micro‐B Adapter 
COM‐14567 
 
It’s tiny, it’s handy, and it can give your normal USB-equipped device a
micro-B connector! With the USB to Micro-B Adapter you can make a flash
drive connect to your tablet, connect a keyboard to your phone in order to
text with ease, attach a Bluetooth® dongle to your RPi Zero, and more!
Since this adapter is super small, it is very easy to transport anywhere you
might need it — making it extremely convenient to have in a pinch.
Installation of the USB to Micro-B Adapter is easy; simply slide it into a
USB A connector, and you will instantly make that device micro-B capable!


Similar Part No. - COM-14567

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM-1452 ETC2-COM-1452 Datasheet
208Kb / 3P
Multi-Ethernet Module with 5 Fast Ethernet Controllers
More results

Similar Description - COM-14567

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
logo
Tripp Lite. All Rights ...
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com