Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-14977 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14977
Description  LED - Assorted with Resistor 5mm (20 pack)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14977 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14977 Datasheet HTML 1Page - SparkFun Electronics COM-14977 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
LED - Assorted with Resistor 5mm (20 pack)
COM-14977
You don’t have to worry about adding a resistor to an LED if you get an LED with a built in resistor!
This pack contains 20x 5mm LEDs in four different colors. There are five LEDs per color in blue, red,
green, and yellow.
This pack will help alleviate any frustrations you’ve had with accidentally burning them out, just by
having a resistor in the diode itself! Each LED has an operating voltage range of 3.0V to 5V to help
make your next project shine!
Each pack of these LEDs are conveniently bagged in reusable ESD safe packaging to make sure
nothing accidentally gets damaged before you are able to use them.
INCLUDES
5x Red LEDs
5x Yellow LEDs
5x Green LEDs
5x Blue LEDs


Similar Part No. - COM-14977

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
More results

Similar Description - COM-14977

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-R333 LUCKY-LIGHT-GB-R333 Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
logo
OptoSupply Internationa...
OSG8NU5B64A-5V OPTOSUPPLY-OSG8NU5B64A-5V Datasheet
122Kb / 2P
5mm Round Normal Bright Yellow Green Resistor LED
OSG8NU5B64A-12V OPTOSUPPLY-OSG8NU5B64A-12V Datasheet
122Kb / 2P
5mm Round Normal Bright Yellow Green Resistor LED
OSR6LU5B64A-5V OPTOSUPPLY-OSR6LU5B64A-5V Datasheet
122Kb / 2P
5mm Round Normal Bright Red Resistor LED
OSR6LU5B64A-12V OPTOSUPPLY-OSR6LU5B64A-12V Datasheet
122Kb / 2P
5mm Round Normal Bright Red Resistor LED
OSY5LU5B64A-5V OPTOSUPPLY-OSY5LU5B64A-5V Datasheet
123Kb / 2P
5mm Round Normal Bright Yellow Resistor LED
OSY5LU5B64A-12V OPTOSUPPLY-OSY5LU5B64A-12V Datasheet
122Kb / 2P
5mm Round Normal Bright Yellow Resistor LED
OSG8NU5B64A12V_VER.A.2 OPTOSUPPLY-OSG8NU5B64A12V_VER.A.2 Datasheet
127Kb / 2P
5mm round normal bright yellow green resistor led
OSR6LU5B64A12V_VER.A.2 OPTOSUPPLY-OSR6LU5B64A12V_VER.A.2 Datasheet
126Kb / 2P
5mm round normal bright red resistor led
OSY5LU5B64A5V_VER.A.2 OPTOSUPPLY-OSY5LU5B64A5V_VER.A.2 Datasheet
127Kb / 2P
5mm round normal bright yellow resistor led
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com