Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAM022W Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM022W
Description  Mechanical Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM022W Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM022W Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Protection
BAM FS-XE-005-M8-2-01R
Order Code: BAM022W
Internet
www.balluff.com
eCl@ss 9.1: 27-27-37-92
Subject to change without notice: 233805
ETIM 6.0: EC002040
BAM022W_0.33_2021-04-13
1 / 1
1) Leakage hole, 2) Detail of connector installation, 3) Included in the scope of delivery, 4) not installed, 5) Cable
attachment detail
Basic features
Scope of delivery
Fixed stop
Round tip
2x nut M18x1
3x springs (soft, medium, hard)
Short description
Spare parts set for plunger probe
Use
for positive stop plunger probe
Environmental conditions
Ambient temperature
0...60 °C
Material
Housing material
Brass, Chrome-plated
Steel, Bronze, Stainless steel,
Chrome-plated
Material
Steel Brass Bronze Stainless
steel
Surface protection
Chrome-plated
Mechanical data
Clamping system
Threads
Dimension
Ø 18 x 125.3 mm
Life expectancy mechanical
1 mil. switching operations
Mounting part
Threads
Size
M18x1
Spring deflection
30 mm
Spring force
27.04 N
Tightening torque max.
35 Nm
Remarks
Spring rate: low = 0.172 N/mm medium = 0.665 N/mm high = 0.980N/mm
Only available as SET products: SET015A BAV BP-PH-00093-01 contains: 1 pc. BAM FS-XE-005-M8-2-01R (round tip) 1 pc. BES M08MI-PSC40B-S49G
SET015F BAV BP-PH-00093-02 contains: 1 pc. BAM FS-XE-005-M8-2-01R (round tip) 1 pc. BES M08MI-PSC40B-BP00,2-GS04 SET017R BAV BP-
PH-00093-11 contains: 1 pc. BAM FS-XE-005-M8-2-01R (round tip) 1 pc. BES M08MI-NSC40B-S49G SET017T BAV BP-PH-00093-12 contains: 1 pc.
BAM FS-XE-005-M8-2-01R (round tip) 1 pc. BES M08MI-NSC40B-BP00,2-GS04
Replacement parts available separately: 3 x spring set (light, medium, heavy)- BAM FS-XE-005-M8/RK2 3 x spring set, washer, round point BAM FS-
XE-005-M8/RK1 3 x spring set, washer, flat point BAM FS-XE-005-M8/RK3 3 x spring set, washer, chisel point - BAM FS-XE-005-M8/RK4 3 x spring set,
washer, threaded point BAM FS-XE-005-M8/RK5


Similar Part No. - BAM022W

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM023R BALLUFF-BAM023R Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-04-01
BAM023T BALLUFF-BAM023T Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.34_2021-04-01
BAM023U BALLUFF-BAM023U Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.34_2021-04-01
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
Mechanical Protection
0.33_2021-06-22
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
Mechanical Protection
0.41_2021-08-24
More results

Similar Description - BAM022W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
Mechanical indicator, optional LED and protection diode
logo
Balluff Korea Ltd.
BAM00NU BALLUFF-BAM00NU Datasheet
90Kb / 1P
Mechanical Protection
0.31_2021-11-04
BAM009N BALLUFF-BAM009N Datasheet
88Kb / 1P
Mechanical Protection
0.33_2021-04-01
BAM009P BALLUFF-BAM009P Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-01
BAM009R BALLUFF-BAM009R Datasheet
87Kb / 1P
Mechanical Protection
0.31_2021-04-01
BAM009T BALLUFF-BAM009T Datasheet
89Kb / 1P
Mechanical Protection
0.29_2021-04-02
BAM025T BALLUFF-BAM025T Datasheet
90Kb / 1P
Mechanical Protection
0.33_2021-06-22
BAM025U BALLUFF-BAM025U Datasheet
96Kb / 1P
Mechanical Protection
0.41_2021-08-24
BAM025W BALLUFF-BAM025W Datasheet
95Kb / 1P
Mechanical Protection
0.35_2021-08-24
BAM0260 BALLUFF-BAM0260 Datasheet
95Kb / 1P
Mechanical Protection
0.35_2021-06-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com