Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT-11292 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-11292
Description  MicroRax - Elbow Hinge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-11292 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-11292 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MicroRax - Elbow Hinge
PRT-11 292
images are CC BY-NC-SA 3.0
Description: MicroRAX is a miniature light-weight T-Slot style building system.
Suitable for use on your desktop or bench top to build science, engineering, or
advanced hobby and DIY projects.
The elbow hinge allows beams to pivot on the edge of the profile with about 180
degrees of rotation. In other words, at fully-closed the two beams will be parallel to
each other. The bushing that connects the joint works with a 3mm OD shaft if you
want to run a shaft through several joints.
We are selling these as single joints so you’ll need two of these to make a full elbow
(one per side).
Features:
• 180 degrees of rotation
• Bushing works with 3mm OD shafting
• Need 2 to build a complete elbow
2/3/2016
https://www.sparkfun.com/products/11292


Similar Part No. - PRT-11292

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-11293 SPARKFUN-PRT-11293 Datasheet
91Kb / 1P
MicroRax - Knuckle Hinge
2/3/2016
More results

Similar Description - PRT-11292

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-30CC GLENAIR-M24758-30CC Datasheet
238Kb / 2P
Elbow for MIL-S-24235 Stuffing Tubes
M24758-33C GLENAIR-M24758-33C Datasheet
194Kb / 2P
Elbow for Panel Termination
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
logo
SparkFun Electronics
PRT-11293 SPARKFUN-PRT-11293 Datasheet
91Kb / 1P
MicroRax - Knuckle Hinge
2/3/2016
logo
Entegris, Inc
PE-4K-3 ENTEGRIS-PE-4K-3 Datasheet
221Kb / 5P
PrimeLock® Elbow Union
PE-8V6V-3 ENTEGRIS-PE-8V6V-3 Datasheet
259Kb / 5P
PrimeLock® Elbow Union, "SpaceSaver"
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com