Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT-12043 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-12043
Description  Breadboard ??Mini Modular (White)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-12043 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-12043 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Breadboard‐MiniModular(White)
PRT-12043 RoHS
Description: This white Mini Breadboard is a great way to prototype your small projects! With 170
tie points there’s just enough room to build and test simple circuits; They’re also great for breaking
out DIP package ICs to jumper wires! If you run out of room, no worries, these mini breadboards can
be snapped together to form larger stretches of board. It has a peel and stick adhesive backing as
well as two mounting holes for M2 screws so you can anchor it down.
Note: These will not connect securely with our older model and are not numbered or lettered.
Dimensions: 47 x 35 x 10mm
Replaces:PRT-11658
 
 
                                                                                          https://www.sparkfun.com/products/12043 5‐16‐17 


Similar Part No. - PRT-12043

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
More results

Similar Description - PRT-12043

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
PRT-12702 SPARKFUN-PRT-12702 Datasheet
101Kb / 1P
SparkFun Solder-able Breadboard - Mini
4/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com