Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT-13784 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # PRT-13784
Description  Solar Panel - 9W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-13784 Datasheet(HTML) 2 Page - SparkFun Electronics

  PRT-13784 Datasheet HTML 1Page - SparkFun Electronics PRT-13784 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions: 220mm x 255mm x 5mm (8.7in x 10.1in x 0.2in)
Includes:
• 1x Solar Panel - 9W
• 1x Barrel Plug Adapter - 3.5mm to 5.5mm
Features:
• Monocrystalline cells - 19% efficient
• Open Circuit Voltage: 7.0V
• Peak Voltage: 6.0V
• Peak Current: 1500mA
• Peak Power: 9.0 Watts
• Four screws on back corners of panel allow multiple mounting options
• Waterproof Urethane Coating
• UV Resistant
Page 2 of 2
4/13/2016
https://www.sparkfun.com/products/13784



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com