Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA189IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 9Page - Texas Instruments OPA189IDBVT Datasheet HTML 10Page - Texas Instruments OPA189IDBVT Datasheet HTML 11Page - Texas Instruments OPA189IDBVT Datasheet HTML 12Page - Texas Instruments OPA189IDBVT Datasheet HTML 13Page - Texas Instruments OPA189IDBVT Datasheet HTML 14Page - Texas Instruments OPA189IDBVT Datasheet HTML 15Page - Texas Instruments OPA189IDBVT Datasheet HTML 16Page - Texas Instruments OPA189IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
0
2
4
6
8
10
12
14
Input Offset Voltage (µV)
C001
µ = 46.67 nV
σ = 374.5 nV
N = 2554
VOS (maximum) = ±3 µV
Figure 7-1. Offset Voltage Production Distribution
0
5
10
15
20
25
30
35
40
45
Input Offset Voltage Drift (µV/ƒC)
C002
µ = 2.83 nV/°C
σ = 2.78 nV/°C
N = 96
dVOS / dT (maximum) = ±0.02 µV/°C
Figure 7-2. Offset Voltage Drift Distribution
Positive Input Bias Current (pA)
0
2.5%
5%
7.5%
10%
12.5%
15%
17.5%
20%
22.5%
25%
27.5%
30%
32.5%
35%
-300 -240 -180 -120
-60
0
60
120
180
240
300
Figure 7-3. Input Bias Current Production Distribution
Input Offset Current (pA)
0
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-600 -480 -360 -240 -120
0
120
240
360
480
600
Figure 7-4. Input Offset Current Production Distribution
±5
±4
±3
±2
±1
0
1
2
3
4
5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
5 Typical Units
Figure 7-5. Offset Voltage vs Temperature
±20
±15
±10
±5
0
5
10
15
20
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C003
V
CM = ± 18.1 V
V
CM = 15.5 V
5 Typical Units
Figure 7-6. Offset Voltage vs Common-Mode Voltage
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com