Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992SIDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992SIDBVR
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992SIDBVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA992SIDBVR Datasheet HTML 1Page - Texas Instruments OPA992SIDBVR Datasheet HTML 2Page - Texas Instruments OPA992SIDBVR Datasheet HTML 3Page - Texas Instruments OPA992SIDBVR Datasheet HTML 4Page - Texas Instruments OPA992SIDBVR Datasheet HTML 5Page - Texas Instruments OPA992SIDBVR Datasheet HTML 6Page - Texas Instruments OPA992SIDBVR Datasheet HTML 7Page - Texas Instruments OPA992SIDBVR Datasheet HTML 8Page - Texas Instruments OPA992SIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
1 Features
• Low offset voltage: ±210 µV
• Low offset voltage drift: ±0.25 µV/°C
• Low noise: 7 nV/√Hz at 1 kHz, 4.4 nV/√Hz
broadband
• High common-mode rejection: 115 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 10.6-MHz GBW, unity-gain stable
• High slew rate: 32 V/µs
• Low quiescent current: 2.4 mA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance
2 Applications
• Multiplexed data-acquisition systems
• Test and measurement equipment
• Motor drive: power stage and control modules
• Power delivery: UPS, server, and merchant
network power
• ADC driver and reference buffer amplifier
• Programmable logic controllers
• Analog input and output modules
• High-side and low-side current sensing
• High precision comparator
3 Description
The OPAx992 family (OPA992, OPA2992, and
OPA4992) is a family of high voltage (40 V) general
purpose operational amplifiers. These devices offer
excellent DC precision and AC performance, including
rail-to-rail input/output, low offset (±210 µV, typ), low
offset drift (±0.25 µV/°C, typ) and low noise (7 nV/√Hz
at 1 kHz, 4.4 nV/√Hz at 10 kHz).
Features such as differential and common-mode input
voltage ranges to the supply rails, high short-circuit
current (±65 mA), and high slew rate (32 V/µs) make
the OPAx992 a flexible, robust, and high-performance
op amp for high-voltage industrial applications.
The OPAx992 family of op amps is available in micro-
size packages (such as WSON), as well as standard
packages (such as SOT-23, SOIC, and TSSOP), and
is specified from –40°C to 125°C.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
OPA992
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
OPA2992
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
2.90 mm × 1.60 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
OPA4992
SOIC (14)
8.65 mm × 3.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
System
Load
+
–
+
GND
+
System
Load
+
–
+
+
GND
+
GND
Vbus
Vbus
GND
Vshunt
Rshunt
Rshunt
Vo
Vo
Iload
Iload
+
MCU
MCU
GND
GND
OPAx992
OPAx992
Low-Side Current Sense
High-Side Current Sense
Vshunt
-
-
-
-
-
-
OPAx992 in Current-Sensing Applications
OPA992, OPA2992, OPA4992
SBOSA10B – JUNE 2021 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA992SIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA992SIDBVR TI-OPA992SIDBVR Datasheet
4Mb / 64P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2021
OPA992SIDBVR TI-OPA992SIDBVR Datasheet
4Mb / 70P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
OPA992SIDBVR TI1-OPA992SIDBVR Datasheet
4Mb / 68P
OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
MARCH 2024
OPA992SIDBVR TI2-OPA992SIDBVR Datasheet
4Mb / 74P
OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MARCH 2024
OPA992SIDBVR.A TI2-OPA992SIDBVR.A Datasheet
4Mb / 74P
OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MARCH 2024
More results

Similar Description - OPA992SIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA992 TI-OPA992 Datasheet
2Mb / 27P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA992 TI-OPA992_V01 Datasheet
4Mb / 64P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2021
OPA992 TI-OPA992_V03 Datasheet
4Mb / 70P
OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
OPA2992-Q1 TI-OPA2992-Q1 Datasheet
2Mb / 36P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V01 Datasheet
2Mb / 38P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V02 Datasheet
2Mb / 41P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V03 Datasheet
2Mb / 45P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED DECEMBER 2022
OPA992-Q1 TI1-OPA992-Q1_V04 Datasheet
2Mb / 47P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED JANUARY 2023
OPA992-Q1 TI1-OPA992-Q1_V05 Datasheet
2Mb / 48P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED JANUARY 2023
OPA992-Q1 TI-OPA992-Q1_V06 Datasheet
2Mb / 48P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com