Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3036330 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 11Page - PHOENIX CONTACT 3036330 Datasheet HTML 12Page - PHOENIX CONTACT 3036330 Datasheet HTML 13Page - PHOENIX CONTACT 3036330 Datasheet HTML 14Page - PHOENIX CONTACT 3036330 Datasheet HTML 15Page - PHOENIX CONTACT 3036330 Datasheet HTML 16Page - PHOENIX CONTACT 3036330 Datasheet HTML 17Page - PHOENIX CONTACT 3036330 Datasheet HTML 18Page - PHOENIX CONTACT 3036330 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 15 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Accessories
Zack Marker strip, flat - ZBF 5,LGS:GERADE ZAHLEN - 0810821
Zack Marker strip, flat, Strip, white, labeled, printed horizontally: consecutive numbers 2 ... 20, 22 ... 40, etc. up to
82 ... 100, mounting type: snap into flat marker groove, for terminal block width: 5 mm, lettering field size: 5.15 x 5.15
mm, Number of individual labels: 10
 
 
Zack Marker strip, flat - ZBF 5,LGS:UNGERADE ZAHLEN - 0810863
Zack Marker strip, flat, Strip, white, labeled, printed horizontally: Odd numbers 1 - 19, 21 - 39, etc. up to 81 - 99,
mounting type: snap into flat marker groove, for terminal block width: 5 mm, lettering field size: 5.15 x 5.15 mm,
Number of individual labels: 10
 
 
Marker for terminal blocks - UC-TMF 5 CUS - 0824638
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into flat marker groove, for terminal block width: 5.2 mm, lettering field size: 4.6 x 5.1 mm, Number of
individual labels: 96
 
 
Marker for terminal blocks - UCT-TMF 5 CUS - 0829658
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into flat marker groove, for terminal block width: 5.2 mm, lettering field size: 4.4 x 4.7 mm, Number of
individual labels: 72
 
 
Marker carriers
Marker carriers - STP 5-2 - 0800967
Double marker carrier, snaps onto the double-level spring-cage terminal block STTB 2,5, STTB 4, PTTB 2,5, PTTB 4
can be marked with UC-TM 5, ZB 5 or UC-TMF 5, ZBF 5
 
 
Partition plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com