Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP4B10AS Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PP4B10AS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PP4B10AS Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PP4B10AS Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PP4B10AS Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PP4B10AS Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PP4B10AS Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV 1.0
2
K-50-2
N-Channel Enhancement Mode
Field Effect Transistor
PP4B10AS
TO-263
Halogen-Free & Lead-Free
NIKO-SEM
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 20A
3.6
4.4
mΩ
Forward Transconductance
1
gfs
VDS = 5V, ID = 20A
70
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 50V, f = 1MHz
4145
pF
Output Capacitance
Coss
762
Reverse Transfer Capacitance
Crss
10
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
1
Ω
Total Gate Charge
2
Qg
VGS = 10V, VDS = 50V,ID = 20A
75
nC
Gate-Source Charge
2
Qgs
17
Gate-Drain Charge
2
Qgd
23
Turn-On Delay Time
2
td(on)
VDD = 50V,
ID  20A, VGS = 10V, RGEN =6Ω
22
nS
Rise Time
2
tr
56
Turn-Off Delay Time
2
td(off)
73
Fall Time
2
tf
79
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
139
A
Forward Voltage
1
VSD
IF = 20A , VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 20A , dIF/dt= 100A/μs
63
nS
Reverse Recovery Charge
Qrr
95
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com