Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWXPHN400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SWXPHN400
Description  RECTIFIER DIODES STUD AND FLAT BASE TYPES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SWXPHN400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SWXPHN400 Datasheet HTML 1Page - List of Unclassifed Manufacturers SWXPHN400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SWXPHN400

ManufacturerPart #DatasheetDescription
logo
Eravant
SWX-14422410-05-4B ERAVANT-SWX-14422410-05-4B Datasheet
311Kb / 2P
Waveguide Crossguide Coupler, G Band, 10 dB
Rev 1.0
SWX-14422420-05-4B ERAVANT-SWX-14422420-05-4B Datasheet
311Kb / 2P
Waveguide Crossguide Coupler, G Band, 20 dB
Rev 1.0
SWX-14422430-05-4B ERAVANT-SWX-14422430-05-4B Datasheet
311Kb / 2P
Waveguide Crossguide Coupler, G Band, 30 dB
Rev 1.0
SWX-17426410-04-4B ERAVANT-SWX-17426410-04-4B Datasheet
310Kb / 2P
Waveguide Crossguide Coupler, WR-04 Band, 10 dB
Rev 1.0
SWX-17426420-04-4B ERAVANT-SWX-17426420-04-4B Datasheet
311Kb / 2P
Waveguide Crossguide Coupler, WR-04 Band, 20 dB
Rev 1.0
More results

Similar Description - SWXPHN400

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NS NAINA-100NS Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
150NS NAINA-150NS_1 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
100NS NAINA-100NS_11 Datasheet
107Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
200NS NAINA-200NS_11 Datasheet
107Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
250NS NAINA-250NS_11 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
300NS NAINA-300NS_11 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
320NS NAINA-320NS_11 Datasheet
108Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com