Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2113-2-V/G4 Datasheet(PDF) 5 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 5 Page - Microchip Technology

  UCS2113-2-V/G4 Datasheet HTML 1Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 2Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 3Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 4Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 5Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 6Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 7Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 8Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 5
UCS2113
Port Power Switch
Port Power Switch - DC Parameter
Overvoltage Lockout
VS_OV
—6
V
Note 2
VS Low Threshold
VS_UVLO
—2.5
V
Note 2
VS Low Hysteresis
VS_UVLO_HYST
—100
mV
Note 2
On Resistance
RON_PSW
—40
m
4.75V < VS < 5.25V
VS Leakage Current
ILEAK_VS
5
µA
Sleep state into VS pin on one
channel (Note 1)
Back-Voltage Protection
Threshold
VBV_TH
—150
mV
VBUS > VS
VS > VS_UVLO
Leakage Current
ILKG_1
—0
3
µA
VDD < VDD_TH,
Leakage current from VBUS pins
to the VDD and the VS pins
(Note 1)
ILKG_2
—0
2
µA
VDD > VDD_TH,
Leakage current from VBUS pins
to the VS pins, when the power
switch is open
Selectable Current Limits
ILIM1
—530
mA
ILIM Resistor = 0 or 47 k
(530 mA setting)
ILIM2
—960
mA
ILIM Resistor = 10 k or 56 k
(960 mA setting)
ILIM3
1070
mA
ILIM Resistor = 12 k or 68 k
(1070 mA setting)
ILIM4
1280
mA
ILIM Resistor = 15 k or 82 k
(1280 mA setting)
ILIM5
1600
mA
ILIM Resistor = 18 k or 100 k
(1600 mA setting)
ILIM6
2130
mA
ILIM Resistor = 22 k or 120 k
(2130 mA setting)
ILIM7
2500
2670
2900
mA
ILIM Resistor = 27 k or 150 k
(2670 mA setting)
ILIM8
3000
3200
3400
mA
ILIM Resistor = 33 k or VDD
(3200 mA setting)
Pin Wake Time
tPIN_WAKE
—3
ms
SMBus Wake Time
tSMB_WAKE
—4
ms
Idle Sleep Time
tIDLE_SLEEP
—200
ms
First Thermal Shutdown
Stage Threshold
TTSD_LOW
120
°C
Die Temperature at which the
power switch will open if it is in
constant current mode
First Thermal Shutdown
Stage Hysteresis
TTSD_LOW_HYST
10
°C
Hysteresis for TTSD_LOW func-
tionality. Temperature must drop
by this value before any of the
power switches can be closed.
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com