| Electronic Components Datasheet Search |
|
SN74HCS595 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74HCS595 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 38 page ![]() 8.2.5 Wettable Flanks This device includes wettable flanks for at least one package. See the Features section on the front page of the data sheet for which packages include this feature. Package We able Flank Lead PCB Pad Standard Lead Package Solder Figure 8-3. Simplified Cutaway View of Wettable-Flank QFN Package and Standard QFN Package After Soldering Wettable flanks help improve side wetting after soldering which makes QFN packages easier to inspect with automatic optical inspection (AOI). A wettable flank can be dimpled or step-cut to provide additional surface area for solder adhesion which assists in reliably creating a side fillet as shown in Figure 8-3. Please see the mechanical drawing for additional details. 8.3 Device Functional Modes Function Table lists the functional modes of the SN74HCS595-Q1. Table 8-1. Function Table INPUTS FUNCTION SER SRCLK SRCLR RCLK OE X X X X H Outputs QA – QH are disabled X X X X L Outputs QA – QH are enabled. X X L X X Shift register is cleared. L ↑ H X X First stage of the shift register goes low. Other stages store the data of previous stage, respectively. H ↑ H X X First stage of the shift register goes high. Other stages store the data of previous stage, respectively. X X H ↑ X Shift-register data is stored in the storage register. X ↑ H ↑ X Data in shift register is stored in the storage register, the data is then shifted through. www.ti.com SN74HCS595-Q1 SCLS785F – DECEMBER 2019 – REVISED DECEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: SN74HCS595-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |