Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIC2065 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # HIC2065
Description  Voltage Repeater
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2065 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  HIC2065 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
After calibration
at 20 °C (68 °F):
± 3 µV up to ± 10mV/± 0.05 % of the span up to +50 mV/± 0.05 % of the span up to -50
mV
Influence of ambient temperature
± 1 µV/K (typical ± 0.25 µV/K)
Absolute
< 0.25 K at 30 V voltage supply
Bandwidth
DC to > 350 Hz (-3 dB)
Settling time
< 2 ms
Rise time/fall time
≤ 1 ms
Galvanic isolation
Output/power supply
functional insulation, rated insulation voltage 50 V AC
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2006
For further information see system description.
Degree of protection
IEC 60529:2001
Protection against electrical shock
UL 61010-1
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 100 g
Dimensions
12.5 x 106 x 128 mm (0.5 x 4.2 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
Coding
pin 2, 3 and 4 trimmed
For further information see system description.
Data for application in connection with hazardous areas
EU-type examination certificate
BASEEFA 10 ATEX 0031X
Marking
1
II (1)GD, I (M1), [Ex ia] IIC, [Ex iaD], [Ex ia] I (-20 °C ≤ Tamb ≤ 60 °C) [circuit(s) in
zone 0/1/2]
Voltage
Uo
5.5 V DC
Current
Io
2.4 mA
Power
Po
3.3 mW
Supply
Maximum safe voltage
Um
253 V (Attention! The rated voltage can be lower.)
Certificate
BASEEFA 10 ATEX 0032X
Marking
1
II 3G Ex nA II T4
Galvanic isolation
Input/Output
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Input/power supply
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
UL approval
Control drawing
116-0317 (cULus)
IECEx approval
IECEx certificate
IECEx BAS 10.0012X
IECEx BAS 10.0013X
IECEx marking
[Zone 0] [Ex ia] IIC, [Ex iaD], [Ex ia] I
Ex nA II T4
Voltage Repeater
HiC2065
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com