Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8166 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
Page 10
© VITESSE SEMICONDUCTOR CORPORATION
G52252-0, Rev 3.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
35
NC
—
—
No connect, leave unconnected
36
NC
—
—
No connect, leave unconnected
37
NC
—
—
No connect, leave unconnected
38
NC
—
—
No connect, leave unconnected
39
VCCT
—
+3.3V typ.
TTL VCC Power Supply
40
VEET
—
GND typ.
TTL VEE Power Supply
41
NC
—
—
No connect, leave unconnected
42
VEE
—
GND typ.
Negative power supply pin
43
VCC
—
3.3V typ.
Positive power supply pin
44
LOLEN
I
TTL
Loss of Lock enable. LOLEN= “1”: LOL asserts high when loss of
data OR 3.3
µS of zeroes, LOLEN=“0”: LOL assets high when
3.3
µS of zeroes
45
NC
—
—
No connect, leave unconnected
46
NC
—
—
No connect, leave unconnected
47
NC
—
—
No connect, leave unconnected
48
NC
—
—
No connect, leave unconnected
49
NC
—
—
No connect, leave unconnected
50
VCC
—
3.3V typ.
Positive power supply pin
51
VEE
—
GND typ.
Negative power supply pin
52
REFCK_TEST
—
GND typ.
Test input signal used for production test. Active high. Connect to
ground for normal operation.
53
NC
—
—
No connect, leave unconnected
54
VCC
—
3.3V typ.
Positive power supply pin
55
LOS
I
TTL
Loss of Signal control
56
POL
I
TTL
Polarity Signal Control
57
VEE
—
GND typ.
Negative power supply pin
58
D15+
O
LVPECL
Low speed differential parallel data, true
59
D15-
O
LVPECL
Low speed differential parallel data, compliment
60
VCC
—
3.3V typ.
Positive power supply pin
61
D14+
O
LVPECL
Low speed differential parallel data, true
62
D14-
O
LVPECL
Low speed differential parallel data, compliment
63
NC
—
—
No connect, leave unconnected
64
VCC
—
3.3V typ.
Positive power supply pin
65
NC
—
—
No connect, leave unconnected
66
VCC
—
3.3V typ.
Positive power supply pin
67
D13+
O
LVPECL
Low speed differential parallel data, true
68
D13-
O
LVPECL
Low speed differential parallel data, compliment
69
VEE
—
GND typ.
Negative power supply pin
Table 3: Package Pin Identification
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com