Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8172 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8172
Description  SONET/SDH 16:1 Mux with CMU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8172 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8172 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8172 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or
sales@vitesse.com
© Copyright 2000 Vitesse Semiconductor Corporation
and the Vitesse logo are all registered trademarks
of Vitesse Semiconductor Corp;oration
www.vitesse.com
Product Brief
10G PHY
Layer
Products
“Best Data Eyes in the Business”
Features for VSC8172
SONET/SDH 1:16 Demux with CDR
• 9.953 - 10.7 GHz Operation
• 1:16 Demultiplexer with Limiting
Amplifier and Integrated Clock
Recovery
• LVDS Parallel Interface
• Parity Bit Calculation
• Loss of Lock Detection
• 50 mV (min) Input Sensitivity
• Supports OC-192 and FEC
Rates with only a Reference
Clock Frequency Change
• Meets SONET OC-192 and SDH
STM-64 Jitter Tolerance
Requirements
• -5.2 V / -2 V Power Supplies
• 3.4 W (typ) Power Dissipation
• Thermally Enhanced 100-Pin
PQFP and 96-Ball BGA
• 11.5 - 12.5 GHz Version
Available - VSC8182
VSC8172 Block Diagram
The VSC8171 mux offers integration of a high output swing mux with a low-
jitter generation clock multiplier unit. The VSC8172 demux offers an inte-
grated limiting amplifier, demux and high jitter tolerant clock and data recov-
ery unit. Vitesse has eyes for you: “The best data eyes in the business.”
NOREF
LOL
DETECT
LOCK
LOSS
OF
REFCK-
REFCK+
TIMING
PARITY+
PARITY-
RECOVERY
DATA-
1:16
CK16+
CK16-
D15-
D15+
D1-
D1+
D0+
D0-
CLOCK
GENERATOR
PLL
DATA+
OFF-
OFF+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com