Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN200 Datasheet(PDF) 1 Page - AUK corp

Part # DN200
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

DN200 Datasheet(HTML) 1 Page - AUK corp

  DN200 Datasheet HTML 1Page - AUK corp DN200 Datasheet HTML 2Page - AUK corp DN200 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-9085-000
1
DN200
NPN Silicon Transistor
Features
• Extremely low collector-to-emitter saturation voltage
( V
CE(SAT)= 0.3V Typ. @IC /IB=1A/50mA)
• Suitable for low voltage large current drivers
• Complementary pair with DP200
• Switching Application
Ordering Information
Type NO.
Marking
Package Code
DN200
DN200
TO-92
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - DN200

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
Extremely low collector-to-emitter saturation voltage
logo
AUK corp
DN200F AUK-DN200F Datasheet
248Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
Extremely low collector-to-emitter saturation voltage
More results

Similar Description - DN200

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com