Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002-1691 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-1691
Description  End and intermediate plate; 1 mm thick; gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2002-1691 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2002-1691 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2002-1691 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2002-1691 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data sheet | Item number: 2002-1691
End and intermediate plate; 1 mm thick; gray
www.wago.com/2002-1691
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
1 3
Color:
Data
Physical data
Width
1 mm / 0.039 inch
Height
66.1 mm / 2.602 inch
Depth
30.4 mm / 1.197 inch
Material data
Color
gray
Flammability class per UL94
V0
Fire load
0.055 MJ
 
Weight
1.8 g
 
Commercial data
Product Group
22 (TOPJOB S)
PU (SPU)
100 (25) Stück
Packaging type
box
Country of origin
DE
GTIN
4045454343224
Customs tariff number
85389099990
Approvals / Certificates


Similar Part No. - 2002-1691

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1692 WAGO-2002-1692 Datasheet
61Kb / 3P
End and intermediate plate; 1 mm thick; orange
24.11.2021
More results

Similar Description - 2002-1691

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
859-525 WAGO-859-525 Datasheet
53Kb / 3P
End and intermediate plate; 1 mm thick; gray
2002-1791 WAGO-2002-1791 Datasheet
97Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-1891 WAGO-2002-1891 Datasheet
61Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-1991 WAGO-2002-1991 Datasheet
85Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-2691 WAGO-2002-2691 Datasheet
262Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-2991 WAGO-2002-2991 Datasheet
68Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2116-1291 WAGO-2116-1291 Datasheet
43Kb / 2P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2104-1291 WAGO-2104-1291 Datasheet
85Kb / 2P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2106-1291 WAGO-2106-1291 Datasheet
92Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2110-1291 WAGO-2110-1291 Datasheet
102Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com