Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HICTB16-HIM-RAC-SP-DI320X Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB16-HIM-RAC-SP-DI320X
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB16-HIM-RAC-SP-DI320X Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB16-HIM-RAC-SP-DI320X Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB16-HIM-RAC-SP-DI320X Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB16-HIM-RAC-SP-DI320X Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB16-HIM-RAC-SP-DI320X Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HiCTB16-HIM-RAC-SP-DI320X
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical loop
Application
Module switch settings
Type
Channel
DIP switch
Position
HiC2822 (DI), HiC2842 (DI)
• Mode of operation:
close – energized
open – de-energized
• Input line fault detection: enabled
1S1
II
S2
I
2S3
II
S4
I
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
Termination Board
Field side
Control side
SL1
7a
8a
9a
10a
9a
10a
Fault
Module 16
SL1
7a
8a
+-
XG2
+
-
56
13
24
F2
F1
24 VDC
24 VDC
Fault
&
1+
4-
1+
4-
2+
5-
2+
5-
HiC2822
HiC2842
Module 1
HiC2822
HiC2842
XG1
HIMax
X-DI 32 01
X-DI 32 04
b32
a32
a25
b1
a1
a8
b2
b31
c32-
c1
c1-
c32
S1+
DI1+
b31
b2
DI2+
S8+
n.c.
n.c.
a24-
a5
a9-
a28
n.c.
n.c.
DI31+
b1
b32
DI32+
a1
a32
a2
a31
a3
a30
a4
a29
reserved
reserved
reserved
reserved
HIMA
system
cable
HIMax
Diagnosis:
Run
Field
5b
5a
SL2
1
4
1b
1a
2
5
1b
1a
2
5
M1
1
4
M16
5b
5a
SL2
1
31
2
32
10 kΩ
1.5 kΩ
10 kΩ
1.5 kΩ
10 kΩ
1.5 kΩ
10 kΩ
1.5 kΩ
DI1+
S1+
DI31+
S8+
DI2+
DI32+
GND
VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com