Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HICTB16-TRX-RAC-PL-DI32 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB16-TRX-RAC-PL-DI32
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB16-TRX-RAC-PL-DI32 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB16-TRX-RAC-PL-DI32 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DI32 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DI32 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DI32 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HiCTB16-TRX-RAC-PL-DI32
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical circuit
Module switch settings
Application
Type (DI)
DIP switch
Position
HiC2822 (DI), HiC2842 (DI)
• Mode of operation:
open – energized
close – de-energized
• Input line fault detection: enabled
S1
I
S2
I
S3
I
S4
I
For exact pin assignment for field side and control side see the documentation of the isolated barrier.
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
X1
Triconex
3506X
DI32
I01
I02
SIGNAL RTN
CHASSIS GND
1
J1
J2
34
18
...
17
Triconex
system cable
4X00187-XXX
SL1
7a
8a
SL1
7a
8a
Module 1
HiC2822
HiC2842
Module 16
HiC2822
HiC2842
Termination Board
Field side
Control side
AA
AA
LL
LL
NN
NN
H
H
T
T
I31
I32
41
SIGNAL RTN
25
...
17
C
C
8
N
N
D
D
w1
CHASSIS GND
w1
FF
FF
Fault
+
+-
-
X20
+
-
12
35
46
F1
F2
24 V DC
24 VDC
&
GND
VCC
SL2
M1
M16
SL2
1+
4-
31
10 kΩ
1.5 kΩ
2+
5-
32
10 kΩ
1.5 kΩ
9a
10a
9a
10a
GND
CHASSIS GND
GND
CHASSIS GND
VCC
VCC
VCC
VCC
1
4
2
5
5b
1b
5a
1a
1
4
2
5
5b
1b
5a
1a
Fault
1+
4-
1
10 kΩ
1.5 kΩ
2+
5-
2
10 kΩ
1.5 kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com