Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HICTB16-TRX-RAC-PL-DO16 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB16-TRX-RAC-PL-DO16
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB16-TRX-RAC-PL-DO16 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB16-TRX-RAC-PL-DO16 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DO16 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DO16 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-DO16 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HiCTB16-TRX-RAC-PL-DO16
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical loop
Application
Module switch settings
Type (DO)
DIP switch
Position
Typ (DO)
DIP switch
Position
HiC2883
• Line fault detection enabled
S1
I
HiC2873
• Loop powered
• Control input: without function
• Line fault detection disabled
• Filter enabled
S1
OFF
S2
freely selectable
S2
ON
S3
freely selectable
S3
ON
S4
no function
S4
ON
S5
OFF
Type (DO)
S6
ON
HiC2871A
not available
S7
OFF
S8
OFF
For exact pin assignment for connection to field side and control side, see the documentation of the isolated barrier.
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
GND
X1
Triconex
3626X
DO32
LD01/LD17
VSN01/VSN17
18
34
+01/+17
1
Triconex
system cable
4X00188-XXX
SL1
7a
8a
SL1
7a
8a
Module 1
HiC2871A
HiC2873
HiC2883
Module 16
HiC2871A
HiC2873
HiC2883
Termination Board
Field side
Control side
KK
KK
LL
AA
LL
AA
VSN16/VSN32
+16/+32
16
17
N
N
49
C
C
LD16/LD32
33
D
D
H
H
T
T
w1
CHASSIS GND
w1
FF
FF
Fault
+
+-
-
X20
+
-
12
35
46
F1
F2
24 V DC
24 VDC
&
GND
VCC
SL2
M1
M16
SL2
1
16
1+
4-
1+
4-
GND
GND
GND
1
4
2
5
5b
1b
5a
1a
1
4
2
5
5b
1b
5a
1a
VCC
VCC
Fault



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com