Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HICTB16-TRX-RAC-PL-IO16 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB16-TRX-RAC-PL-IO16
Description  Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB16-TRX-RAC-PL-IO16 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB16-TRX-RAC-PL-IO16 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-IO16 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-IO16 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB16-TRX-RAC-PL-IO16 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HiCTB16-TRX-RAC-PL-IO16
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical circuit
Module switch settings
Application
Type (DI)
DIP switch
Position
Type (AI)
DIP switch
Position
HiC2821, HiC2841
• Mode of operation:
open – energized
close – de-energized
• Input line fault detection: enabled
S1
I
HiC2025 (source 4 mA ... 20 mA)
HiC2025ES (source 4 mA ... 20 mA)
S1
OFF
S2
I
S2
OFF
S3
no function
S3
ON
S4
no function
S4
OFF
HiC2831R4
• Mode of operation: inverted
• Input line fault detection: enabled
S1
I
S2
I
Type (AO)
S3
no function
HiC2031, HiC2031ES
not available
S4
no function
HiC2853R4
not available
Type (TI)
DIP switch
Position
HiC2081 (source)
S1
I
Type (DO)
DIP switch
Position
HiC2883
• Line fault detection enabled
S1
I
Type (UIO)
S2
freely selectable
HiC2441
not available
S3
freely selectable
S4
no function
HiC2871A
not available
For exact pin assignment for field side and control side see the documentation of the isolated barrier.
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
4
1
2
5
4
1
2
5
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
X1
Triconex
3902(A)X
UIO16
SL1
SL2
7a
8a
5b
5a
Module 1
Termination Board
Field side
Control side
18
32
49
17
12, 13,
29, 30,
44, 45,
46
9, 10,
11, 26,
27, 28,
42, 43
34
50
8
18
32
49
17
12, 13,
29, 30,
44, 45,
46
9, 10,
11, 26,
27, 28,
42, 43
34
50
8
18
32
49
17
12, 13,
29, 30,
44, 45,
46
9, 10,
11, 26,
27, 28,
42, 43
34
50
8
F1+
LOOP_PWR2
LOOP_PWR1
CABLE
SHIELD
ORED_PWR
GND
IO_TYPE1
IO_TYPE16
F16+
5b
5a
1a
1b
SL1
SL2
7a
8a
5b
5a
Module 16
5b
5a
1a
1b
M1
M16
1
16
Fault
+
+-
-
X20
+
-
12
35
46
F1
F2
24 V DC
24 VDC
&
GND
Fault
ORED_PWR
GND
GND
GND
GND
LOOP_PWR1
CABLE SHIELD
ORED_PWR
GND
LOOP_PWR2
Triconex
system cable
4X00224-XXX
LOOP_PWR2
LOOP_PWR1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com