Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-433-WRT-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-433-WRT-RPS
Description  Adhesive or permanent mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-433-WRT-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-433-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-433-WRT-RPS Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Revised 12/9/13
Product Description
The WRT Series antenna is ideally suited for
applications such as wireless vending, security,
traffic, or power equipment which require an
unobtrusive, tamper-resistant antenna solution.
The small 27 mm radome installs through a
small hole on the product and is anchored by a
threaded base. An adhesive foam compression
ring is used to resist the elements. The antenna
also features an integral counterpoise, which
reduces the need for a proximity ground plane.
The antenna is suited for mounting in applications
where the counterpoise will not be shielded
from the antenna (non-conductive or open metal
enclosures); installation where the counterpoise is
within a shielded enclosure will affect the antenna
performance. The antenna’s coax feed is available
with SMA or RP-SMA terminations. Alternate
coax lengths, connectors and custom colors are
available for volume OEM customers.
Features
• Low cost
• Unobtrusive
• Tamper resistant
• Integral counterpoise
• Indoor / outdoor
• Adhesive or permanent mount
Electrical Specifications
Center Frequency:
433MHz
Recom. Freq. Range:
425–441MHz
VSWR:
≤ 1.9 typical at center
Peak Gain:
–0.9dBi
Impedance:
50-ohms
Oper. Temp. Range:
–30° to +90°C
Max. Recom. Torque:
4.0 kgf-cm
Electrical specifications and plots measured on 10.16 cm x
10.16 cm (4.00” x 4.00”) reference ground plane
ANT-433-WRT-xxx
Data Sheet
by
Ordering Information
ANT-433-WRT-RPS (with RP-SMA connector)
ANT-433-WRT-SMA (with SMA connector)
19.0 mm
(0.75")
RG-174 Cable Length
216.0 mm
(8.50”)
5.26 mm
(0.207")
27.0 mm
(1.06")
6.0 mm
(0.24")
83.8 mm
(3.30")
M11x1.0 mm
Thread
Adhesive Ring
Remove protective plastic
before installation


Similar Part No. - ANT-433-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-433-CW-HD ETC2-ANT-433-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-433-CW-HD LINX-ANT-433-CW-HD Datasheet
252Kb / 2P
This reduced-height 쩌-wave antenna is ready
5/16/14
logo
List of Unclassifed Man...
ANT-433-CW-HW ETC2-ANT-433-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HW-SMA ETC2-ANT-433-CW-HW-SMA Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HWR-SMA ETC2-ANT-433-CW-HWR-SMA Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
More results

Similar Description - ANT-433-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
ADHESIVE BACKED MOUNT
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
ANT-2.4-WRT-XXX ETC2-ANT-2.4-WRT-XXX Datasheet
859Kb / 1P
Adhesive or permanent mount
ANT-868-WRT-XXX ETC2-ANT-868-WRT-XXX Datasheet
856Kb / 1P
Adhesive or permanent mount
ANT-916-WRT-RPS ETC2-ANT-916-WRT-RPS Datasheet
856Kb / 1P
Adhesive or permanent mount
TLS.30.105111 ETC2-TLS.30.105111 Datasheet
4Mb / 12P
Permanent Mount External Antenna
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
Permanent Mount External Antenna
logo
Pulse A Technitrol Comp...
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com