Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMFJ Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4SMFJ
Description  Surface Mount - 400W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4SMFJ Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4SMFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev : 01.06.2019
www.leiditech.com
4/7
Electrical Characteristics
PART NUMBER
BI- POLAR
UNI-POLAR
VRWM
(V)
VBR
MIN(V)
VBR
MAX(V)
IT
(mA)
IR
(µA)
Ipp
(A)
Vc
(v)
P4SMFJ36CA
P4SMFJ36A
36.0
40.00
46.00
1
1
6.88
58.1
P4SMFJ40CA
P4SMFJ40A
40.0
44.40
51.10
1
1
6.20
64.5
P4SMFJ43CA
P4SMFJ43A
43.0
47.8
52.8
1
1
5.76
69.4
P4SMFJ45CA
P4SMFJ45A
45.0
50.00
57.50
1
1
5.50
72.7
P4SMFJ48CA
P4SMFJ48A
48.0
53.30
58.90
1
1
5.17
77.4
P4SMFJ51CA
P4SMFJ51A
51.0
56.70
65.20
1
1
4.85
82.4
P4SMFJ54CA
P4SMFJ54A
54.0
60.00
69.00
1
1
4.59
87.1
P4SMFJ58CA
P4SMFJ58A
58.0
64.4
71.2
1
1
4.27
93.6
Electrical Characteristics
Notes:
For bidirectional type having VRWM of 20 volts and less, the IR limit is double.
For parts without A (VBR is ± 10% and VC is 5% higher than
A parts
I-V Curve Characteristics
Surface Mount – 400W >
Series
P4SMFJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com