Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9002IDDFR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9002IDDFR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9002IDDFR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV9002IDDFR Datasheet HTML 15Page - Texas Instruments TLV9002IDDFR Datasheet HTML 16Page - Texas Instruments TLV9002IDDFR Datasheet HTML 17Page - Texas Instruments TLV9002IDDFR Datasheet HTML 18Page - Texas Instruments TLV9002IDDFR Datasheet HTML 19Page - Texas Instruments TLV9002IDDFR Datasheet HTML 20Page - Texas Instruments TLV9002IDDFR Datasheet HTML 21Page - Texas Instruments TLV9002IDDFR Datasheet HTML 22Page - Texas Instruments TLV9002IDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
7.11 Typical Characteristics
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Offset Voltage ( V)
μ
0
5
10
15
20
25
30
35
40
-1200 -900 -600
-300
0
300
600
900 1200 1500
D001
1800
VS = 5 V
Figure 7-1. Offset Voltage Distribution Histogram
Offset Voltage Drift ( V/°C)
μ
0
5
10
15
20
25
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D002
0
VS = 5 V, TA = –40°C to 125°C
Figure 7-2. Offset Voltage Drift Distribution Histogram
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
D003
Figure 7-3. Input Offset Voltage vs Temperature
Common-Mode Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-2000
-1500
-1000
-500
0
500
1000
1500
2000
D004
Figure 7-4. Offset Voltage vs Common-Mode
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
D005
Figure 7-5. Offset Voltage vs Supply Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-10
-8
-6
-4
-2
0
2
4
6
D006
IB
IB+
IOS
Figure 7-6. IB and IOS vs Temperature
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com