Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9002IPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9002IPWR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9002IPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV9002IPWR Datasheet HTML 14Page - Texas Instruments TLV9002IPWR Datasheet HTML 15Page - Texas Instruments TLV9002IPWR Datasheet HTML 16Page - Texas Instruments TLV9002IPWR Datasheet HTML 17Page - Texas Instruments TLV9002IPWR Datasheet HTML 18Page - Texas Instruments TLV9002IPWR Datasheet HTML 19Page - Texas Instruments TLV9002IPWR Datasheet HTML 20Page - Texas Instruments TLV9002IPWR Datasheet HTML 21Page - Texas Instruments TLV9002IPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
7.10 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.8 V to 5.5 V (±0.9 V to ±2.75 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT =
VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Specified voltage range
1.8 (±0.9)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
TLV9002, TLV9002S TLV9004,
TLV9004S
IO = 0 mA, VS = 5.5 V
60
75
µA
TLV9001, TLV9001S
IO = 0 mA, VS = 5.5 V
60
77
IO = 0 mA, VS = 5.5 V, TA = –40°C to 125°C
85
SHUTDOWN(1)
IQSD
Quiescent current per amplifier VS = 1.8 V to 5.5 V, all amplifiers disabled, SHDN = VS–
0.5
1.5
µA
ZSHDN
Output impedance during
shutdown
VS = 1.8 V to 5.5 V, amplifier disabled
10 || 2
GΩ || pF
High level voltage shutdown
threshold (amplifier enabled)
VS = 1.8 V to 5.5 V
(V–) + 0.9
(V–) + 1.1
V
Low level voltage shutdown
threshold (amplifier disabled)
VS = 1.8 V to 5.5 V
(V–) + 0.2 V
(V–) + 0.7 V
V
tON
Amplifier enable time (full
shutdown)
VS = 1.8 V to 5.5 V, full shutdown; G = 1,
VOUT = 0.9 × VS / 2, RL connected to V–
70
µs
Amplifier enable time (partial
shutdown)
VS = 1.8 V to 5.5 V, partial shutdown; G = 1,
VOUT = 0.9 × VS / 2, RL connected to V–
50
tOFF
Amplifier disable time
VS = 1.8 V to 5.5 V, G = 1, VOUT = 0.1 × VS / 2,
RL connected to V–
4
µs
SHDN pin input bias current
(per pin)
VS = 1.8 V to 5.5 V, V+ ≥ SHDN ≥ (V+) – 0.8 V
40
nA
VS = 1.8 V to 5.5 V, V– ≤ SHDN ≤ V– + 0.8 V
150
(1)
Specified by design and characterization; not production tested.
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com