Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35FS6500 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 35FS6500
Description  Grade 0 safety power system basis chip with CAN flexible data transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS6500 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 35FS6500 Datasheet HTML 2Page - NXP Semiconductors 35FS6500 Datasheet HTML 3Page - NXP Semiconductors 35FS6500 Datasheet HTML 4Page - NXP Semiconductors 35FS6500 Datasheet HTML 5Page - NXP Semiconductors 35FS6500 Datasheet HTML 6Page - NXP Semiconductors 35FS6500 Datasheet HTML 7Page - NXP Semiconductors 35FS6500 Datasheet HTML 8Page - NXP Semiconductors 35FS6500 Datasheet HTML 9Page - NXP Semiconductors 35FS6500 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NXP Semiconductors
35FS4500, 35FS6500
Grade 0 safety power system basis chip with CAN flexible data transceiver
35FS4500-35FS6500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 15 December 2017
6 / 19
7 Pinning information
7.1 Pinning
VSUP1
VSUP2
VSENSE
SELECT
COMP_CORE
VSUP3
FS1B
GND_COM
CAN_5V
CANH
CANL
IO_4
SW_CORE
IO_5/VKAM
BOOT_CORE
IO_0
VCORE_SNS
FB_CORE
MISO
NCS
VDDIO
INTB
SCLK
MOSI
1
4
2
3
5
10
6
7
8
9
11
12
36
33
35
34
32
27
31
30
29
28
26
25
Figure 4. 35FS6500 pinout with CAN and FS1B
VSUP1
VSUP2
VSENSE
SELECT
COMP_CORE
VSUP3
NC
GND_COM
CAN_5V
NC
NC
IO_4
SW_CORE
IO_5/VKAM
BOOT_CORE
IO_0
VCORE_SNS
FB_CORE
MISO
NCS
VDDIO
INTB
SCLK
MOSI
1
4
2
3
5
10
6
7
8
9
11
12
36
33
35
34
32
27
31
30
29
28
26
25
Figure 5. 35FS6500 pinout without CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com