Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VB Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM3Z12VB
Description  Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z12VB Datasheet(HTML) 2 Page - ON Semiconductor

  MM3Z12VB Datasheet HTML 1Page - ON Semiconductor MM3Z12VB Datasheet HTML 2Page - ON Semiconductor MM3Z12VB Datasheet HTML 3Page - ON Semiconductor MM3Z12VB Datasheet HTML 4Page - ON Semiconductor MM3Z12VB Datasheet HTML 5Page - ON Semiconductor MM3Z12VB Datasheet HTML 6Page - ON Semiconductor MM3Z12VB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MM3Z2V4B−MM3Z75VB
www.onsemi.com
2
PRODUCT TABLE (TA = 25°C unless otherwise noted)
Device Type
Device
Marking
VZ (V) @ IZT
ZZT(∧)
@ IZT
IZT
(mA)
ZZK(∧)
@ IZK
IZK
(mA)
IR (mA)
@ VR
VR
(V)
Min
Typ
Max
Max
−
Max
−
Max
−
MM3Z2V4B
0Z
2.35
2.4
2.45
94
5
564
1
45
1
MM3Z2V7B
1Z
2.65
2.7
2.75
94
5
564
1
18
1
MM3Z3V0B
2Z
2.94
3.0
3.06
89
5
564
1
9
1
MM3Z3V3B
3Z
3.23
3.3
3.37
89
5
564
1
4.5
1
MM3Z3V6B
4Z
3.53
3.6
3.67
84
5
564
1
4.5
1
MM3Z3V9B
5Z
3.82
3.9
3.98
84
5
564
1
2.7
1
MM3Z4V3B
6Z
4.21
4.3
4.39
84
5
564
1
2.7
1
MM3Z4V7B
7Z
4.61
4.7
4.79
75
5
470
1
2.7
2
MM3Z5V1B
8Z
5.00
5.1
5.20
56
5
451
1
1.8
2
MM3Z5V6B
9Z
5.49
5.6
5.71
37
5
376
1
0.9
2
MM3Z6V2B
AZ
6.08
6.2
6.32
9
5
141
1
2.7
4
MM3Z6V8B
BZ
6.66
6.8
6.94
14
5
75
1
1.8
4
MM3Z7V5B
CZ
7.35
7.5
7.65
14
5
75
1
0.9
5
MM3Z8V2B
DZ
8.04
8.2
8.36
14
5
75
1
0.63
5
MM3Z9V1B
EZ
8.92
9.1
9.28
14
5
94
1
0.45
6
MM3Z10VB
FZ
9.80
10
10.20
18
5
141
1
0.18
7
MM3Z11VB
GZ
10.78
11
11.22
18
5
141
1
0.09
8
MM3Z12VB
HZ
11.76
12
12.24
23
5
141
1
0.09
8
MM3Z13VB
JZ
12.74
13
13.26
28
5
160
1
0.09
8
MM3Z15VB
KZ
14.70
15
15.30
28
5
188
1
0.045
10.5
MM3Z16VB
LZ
15.68
16
16.32
37
5
188
1
0.045
11.2
MM3Z18VB
MZ
17.64
18
18.36
42
5
212
1
0.045
12.6
MM3Z20VB
NZ
19.60
20
20.40
51
5
212
1
0.045
14.0
MM3Z22VB
PZ
21.56
22
22.44
51
5
235
1
0.045
15.4
MM3Z24VB
RZ
23.52
24
24.48
65
5
235
1
0.045
16.8
MM3Z27VB
SZ
26.46
27
27.54
75
2
282
0.5
0.045
18.9
MM3Z30VB
TZ
29.40
30
30.60
75
2
282
0.5
0.045
21.0
MM3Z33VB
UZ
32.34
33
33.66
75
2
306
0.5
0.045
23.0
MM3Z36VB
VZ
35.28
36
36.72
84
2
329
0.5
0.045
25.2
MM3Z39VB
WZ
38.22
39
39.78
122
2
329
0.5
0.045
27.3
MM3Z43VB
XZ
42.14
43
43.86
141
2
353
0.5
0.045
30.1
MM3Z47VB
YZ
46.06
47
47.94
160
2
353
0.5
0.045
33.0
MM3Z51VB
_Z
49.98
51
52.02
169
2
376
0.5
0.045
35.7
MM3Z56VB
=Z
54.88
56
57.12
188
2
400
0.5
0.045
39.2
MM3Z62VB
5Z
60.76
62
63.24
202
2
423
0.5
0.045
43.4
MM3Z68VB
>Z
66.64
68
69.36
226
2
447
0.5
0.045
47.6
MM3Z75VB
<Z
73.5
75
76.50
240
2
470
0.5
0.045
52.5
1. The Zener voltage (VZ) is tested under pulse condition of 10 mS.
2. The device numbers listed have a standard tolerance on the nominal Zener voltage of ±2%.
3. The Zener impedance is derived from the 60−cycle ac voltage, which results when an ac current having an rms value equal to 10% of the
dc Zener current (IZT or IZK) is superimposed to IZT or IZK.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com