Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40DW Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAS40DW
Description  Surface Mount Switching Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS40DW Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAS40DW Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS40DW Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAS40DW Series
Surface Mount Switching Diode
1
Document No.: F21837T
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
SOT363
Parameter
Symbol
Conditions
Values
Units
Peak Repetitive Reverse Voltage
V RRM
T J = 25°C
40
V
Working Peak Reverse Voltage
V RWM
DC Reverse Voltage
V R
Non-repetitive Peak Reverse Voltage
V RM
Average Forward Current
I F
-
200
mA
Repetitive Peak Forward Current
I FRM
t p ≤ 1 s; δ ≤ 0.5
Non-repetitive Peak Forward Surge Current
I FSM
t p ≤ 10 ms
600
Power Dissipation
P D
-
200
mW
Thermal Resistance, Junction-Ambient (Air)
R ƟJA
-
500
°C/W
Operating Temperature Range
T J
-
-55 ~ +150
°C
Storage Temperature Range
T STG
-
BAS40DW
BAS40SDW
BAS40CDW
BAS40BDW
BAS40ADW
1-1. Feature List
●
For General Purpose Switching Applications
●
Fast Switching Speed
●
Totally Lead-Free & Fully RoHS Compliant
●
Halogen and Antimony Free. “Green” Device
●
High Breakdown Voltage
●
Low Capacitance
●
Low Leakage Current
1-3. Mechanical Characteristics
●
Molded JEDEC Package: SOT363
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
1-2. Applications
●
Ultra High-Speed Switching
●
Voltage Clamping
1. Synopsis
1-4. Absolute Maximum Ratings


Similar Part No. - BAS40DW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS40DW DIOTEC-BAS40DW Datasheet
216Kb / 2P
SMD Small Signal Diode Arrays
logo
Guangdong Huixin Electr...
BAS40DW HUIXIN-BAS40DW Datasheet
378Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
47Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. D-1
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results

Similar Description - BAS40DW

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com