Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WS Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAT46WS
Description  Schottky Barrier Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT46WS Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAT46WS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAT46W Family
Schottky Barrier Rectifier
1
Document No.: F21842X
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Forward Voltage Drop
V F
I F = 10mA, T J = 25°C
-
-
0.45
V
I F = 250mA, T J = 25°C
-
-
1.00
Leakage Current
V R = 75V, T J = 25°C
-
-
5
uA
I R
V R = 75V, T J = 75°C
-
-
30
Diode Capacitance
C J
V R = 0V, f = 1MHZ
-
10
-
pF
V R = 1V, f = 1MHZ
-
6
-
1-2. Applications
●
Switch Mode Power Supply
●
Power Factor Correction
●
Solar Inverter
●
Uninterruptible Power Supply
●
High Efficiency DC / DC Converters
●
Motor Drivers
1-3. Mechanical Characteristics
●
Molded JEDEC Package:
- SOD123 / SOD323 / SOD323FL
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
1-1. Feature List
●
Low Forward Voltage Drop
●
100 Volts Reverse
●
High Frequency Operation
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Values
Units
Min.
Max.
Reverse Voltage
V R
-
100
V
Continuous Forward Current
I F(AV), T C ≤ 25°C
-
0.25
A
Nonrepetitive Peak Surge Current
I FSM, t p < 10mS
-
2.5
Total Power Dissipation
P D, T C ≤ 25°C
-
200
mW
Operating Temperature
T J
-55
150
°C
Storage Temperature
T STG
1-4. Absolute Maximum Ratings
1. Synopsis
1-5. Electrical Characteristics
SOD123
SOD323
SOD323FL


Similar Part No. - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT46WS JIANGSU-BAT46WS Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
logo
TECH PUBLIC Electronics...
BAT46WS TECHPUBLIC-BAT46WS Datasheet
1Mb / 6P
Schottky Diodes
logo
SHIKUES Electronics
BAT46WS SKTECHNOLGY-BAT46WS Datasheet
327Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
BAT46WS LEIDITECH-BAT46WS Datasheet
580Kb / 2P
Schottky Barrier Iode
More results

Similar Description - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com