Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70H Datasheet(PDF) 18 Page - FutureWafer Tech Co.,Ltd

Part # BAS70H
Description  Surface Mount Switching Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS70H Datasheet(HTML) 18 Page - FutureWafer Tech Co.,Ltd

Back Button BAS70H Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 17Page - FutureWafer Tech Co.,Ltd BAS70H Datasheet HTML 18Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
Document No.: F21837G
27-DEC-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
BAS70 Series
Surface Mount Switching Diode
Part Number
Marking Code
Quantity
Component Package Packaging Option
BAS70
73
SOT23
Tape & Reel -
8mm tape / 7”reel
3,000 PCS
BAS70-04
74
BAS70-05
75
BAS70-06
76
BAS70W
73
SOT323
BAS70-04W
74
BAS70-05W
75
BAS70-06W
76
BAS70H
AH
SOD123FL
BAS70D
F30
SOD323
BAS70DL
S2
SOD323FL
BAS70S
G8
8,000 PCS
SOD523FL
BAS70LP
S8
10,000 PCS
DFN1006-2L
9. Version
Version
Date
File No.
Recording
Basis
A
07-Feb-2018
New Create
Market
F21837G
B
22-Apr-2019
Update Company Info. System
2.0
27-Dec-2021
Update Version
System
8. Ordering Information
Futurewafer Tech Co., Ltd. 台灣未來芯科技股份有限公司
TEL: +886-3-3350161 / FAX: +886-3-3350172
cherry@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan
9-1. History
9-2. Company Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com