Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7656BSTZ
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7656BSTZ Datasheet HTML 17Page - Analog Devices AD7656BSTZ Datasheet HTML 18Page - Analog Devices AD7656BSTZ Datasheet HTML 19Page - Analog Devices AD7656BSTZ Datasheet HTML 20Page - Analog Devices AD7656BSTZ Datasheet HTML 21Page - Analog Devices AD7656BSTZ Datasheet HTML 22Page - Analog Devices AD7656BSTZ Datasheet HTML 23Page - Analog Devices AD7656BSTZ Datasheet HTML 24Page - Analog Devices AD7656BSTZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Preliminary Technical Data
AD7658/AD7657/AD7656
Rev. PrI | Page 25 of 25
OUTLINE DIMENSIONS
64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64)
Dimensions shown in millimeters
ORDERING GUIDE
AD7658/AD7657/AD7656
Products
Temperature Package
Package Description
Package Outline
AD7658BSTZ1
–40°C to +85°C
LQFP
ST-64
AD7658BSTZ-REEL1
–40°C to +85°C
LQFP
ST-64
AD7657BSTZ1
–40°C to +85°C
LQFP
ST-64
AD7657BSTZ-REEL1
–40°C to +85°C
LQFP
ST-64
AD7656BSTZ1
–40°C to +85°C
LQFP
ST-64
AD7656BSTZ-REEL1
–40°C to +85°C
LQFP
ST-64
EVAL- AD7656CB2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
NOTES
1 Z = Pb-free part.
2 This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL Board for evaluation/demonstration purposes.
3 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete
evaluation kit, the particular ADC evaluation board, e.g., EVAL-AD7658/AD7657/AD7656CB, the EVAL-CONTROL BRD2, and a 12V transformer must be ordered. See
relevant Evaluation Board Technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com