Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2509APW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2509APW
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2509APW Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF2509APW Datasheet HTML 1Page - Texas Instruments CDCVF2509APW Datasheet HTML 2Page - Texas Instruments CDCVF2509APW Datasheet HTML 3Page - Texas Instruments CDCVF2509APW Datasheet HTML 4Page - Texas Instruments CDCVF2509APW Datasheet HTML 5Page - Texas Instruments CDCVF2509APW Datasheet HTML 6Page - Texas Instruments CDCVF2509APW Datasheet HTML 7Page - Texas Instruments CDCVF2509APW Datasheet HTML 8Page - Texas Instruments CDCVF2509APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
CDCVF2509A
SCAS765A – APRIL 2004 – REVISED JULY 2004
Unlike many products containing PLLs, the CDCVF2509A does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDCVF2509A requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, fixed-phase signal at CLK, and following any changes to the PLL reference or feedback signals.
The PLL can be bypassed by strapping AVCC to ground to use as a simple clock buffer.
The CDCVF2509A is characterized for operation from 0
°C to 85°C.
For application information, see application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (SLMA003) and Using CDC2509A/2510A PLL with Spread Spectrum Clocking
(SSC) (SCAA039).
FUNCTION TABLE
Inputs
Outputs
PLL
AVDD
1G/2G
CLK
1Y/2Y
FBOUT
GND
H
L
L
L
Bypassed / Off
GND
H
H
H
H
Bypassed / Off
GND
L
L
L
L
Bypassed / Off
GND
L
H
L
H
Bypassed / Off
GND
L
Toggling
L
Toggling in phase to CLK
Bypassed / Off
3.3 V (nom)
L
H
L
L
On
3.3 V (nom)
L
Toggling
L
Toggling in phase to CLK
On
3.3 V (nom)
H
L
L
L
On
3.3 V (nom)
H
H
H
H
On
3.3 V (nom)
H
Toggling
Toggling in phase to CLK
Toggling in phase to CLK
On
3.3 V (nom)
X
< 1 MHz
L
L
Off
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com