Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5145397 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5145397
Description  Ink ribbon - THERMOMARK-RIBBON 110-WMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145397 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5145397 Datasheet HTML 1Page - PHOENIX CONTACT 5145397 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/5145397
09/12/2020   Page 1 / 2
Ink ribbon - THERMOMARK-RIBBON 110-WMS - 5145397
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ribbon sheet, length: 300 m, width: 110 mm, printing color: Black (specially for shrinking sleeves)
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356108034
Technical data
Dimensions
Length (b)
300 m
Width (a)
110 mm
Ambient conditions
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
black
Material
Polyester
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
19140611
eCl@ss 4.0
24190100
eCl@ss 4.1
24190100
eCl@ss 5.0
19029100
eCl@ss 5.1
19029100


Similar Part No. - 5145397

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5145397 PHOENIX-5145397 Datasheet
70Kb / 3P
THERMOMARK S1.1
Feb 10, 2011
More results

Similar Description - 5145397

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803211 PHOENIX-0803211 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-EX
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
1014403 PHOENIX-1014403 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD
1014404 PHOENIX-1014404 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/YE
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
0801360 PHOENIX-0801360 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU
09/11/2020
0801361 PHOENIX-0801361 Datasheet
49Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU WH
09/11/2020
0801384 PHOENIX-0801384 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50-TC
09/11/2020
5145724 PHOENIX-5145724 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSE
09/12/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com