Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM397MFX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM397MFX
Description  Single General Purpose Voltage Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM397MFX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM397MFX Datasheet HTML 1Page - National Semiconductor (TI) LM397MFX Datasheet HTML 2Page - National Semiconductor (TI) LM397MFX Datasheet HTML 3Page - National Semiconductor (TI) LM397MFX Datasheet HTML 4Page - National Semiconductor (TI) LM397MFX Datasheet HTML 5Page - National Semiconductor (TI) LM397MFX Datasheet HTML 6Page - National Semiconductor (TI) LM397MFX Datasheet HTML 7Page - National Semiconductor (TI) LM397MFX Datasheet HTML 8Page - National Semiconductor (TI) LM397MFX Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VS = 5V.
Boldface limits apply at temperature extremes. (Continued)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
A
V
Voltage Gain
V
S = 15V, VO = 1.4V to 11.4V,
R
L > = 15kΩ connected to VS
120
V/mV
t
PHL
Propagation Delay (High to Low)
Input Overdrive = 5mV
R
L = 5.1kΩ connected to 5V,
C
L = 15pF
900
ns
Input Overdrive = 50mV
R
L = 5.1kΩ connected to 5V,
C
L = 15pF
250
t
PLH
Propagation Delay (Low to High)
Input Overdrive = 5mV
R
L = 5.1kΩ connected to 5V,
C
L = 15pF
940
µs
Input Overdrive = 50mV
R
L = 5.1kΩ connected to 5V,
C
L = 15pF
440
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Machine model, 0
Ω in series with 200pF.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA , and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: The input common-mode voltage of either input should not be permitted to go below the negative rail by more than 0.3V. The upper end of the
common-mode voltage range is VS - 1.5V at 25˚C.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com