Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HID2000BLANK Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HID2000BLANK
Description  Place Holder Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2000BLANK Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HID2000BLANK Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2000BLANK Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2000BLANK Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Place Holder Barrier
HiD2000 Blank
< H-System place holder module
< Housing width 18 mm
< Blank module, non-functional
Place holder barrier for HiD modules
Function
This barrier is a non functioning HiD module designed to be a place holder for system expansions.
This barrier mounts on a HiD termination board.
Connection
HiD2000 Blank
Zone 0, 1, 2
Div. 1, 2
Termination Board
Technical Data
Indicators/settings
Labeling
space for labeling at the front
Conformity
Degree of protection
IEC 60529
Ambient conditions
Ambient temperature
-20 ... 70 °C (-4 ... 158 °F)
Mechanical specifications
Degree of protection
IP20
Material
Polycarbonate
Mass
approx. 140 g
Dimensions
18 x 114 x 130 mm (0.7 x 4.5 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HID2000BLANK

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HID2022 PF-HID2022 Datasheet
748Kb / 4P
Place Holder Barrier
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
HID2024 PF-HID2024 Datasheet
904Kb / 4P
SMART Transmitter Power Supply/Current Driver
HID2030 PF-HID2030 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
HID2030SK PF-HID2030SK Datasheet
925Kb / 4P
SMART Transmitter Power Supply
More results

Similar Description - HID2000BLANK

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2000BLANK PF-HIC2000BLANK Datasheet
619Kb / 3P
Place Holder Barrier
HID2022 PF-HID2022 Datasheet
748Kb / 4P
Place Holder Barrier
KCD0-LGH.SP PF-KCD0-LGH.SP Datasheet
560Kb / 2P
Place Holder Barrier
KCD0-LGH PF-KCD0-LGH Datasheet
611Kb / 2P
Place Holder Barrier
KFD0-LGH PF-KFD0-LGH Datasheet
697Kb / 2P
Place Holder Barrier
KFD0-LGH-5T PF-KFD0-LGH-5T Datasheet
694Kb / 2P
Place Holder Barrier
KFD0-LGH-GN PF-KFD0-LGH-GN Datasheet
688Kb / 2P
Place Holder Barrier
KFD0-LGH-Y34868 PF-KFD0-LGH-Y34868 Datasheet
606Kb / 2P
Place Holder Barrier
KFD0-LGH-Y39343 PF-KFD0-LGH-Y39343 Datasheet
721Kb / 2P
Place Holder Barrier
LB9099 PF-LB9099 Datasheet
393Kb / 2P
Place Holder Module
2021-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com