Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HID2030 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HID2030
Description  SMART Transmitter Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2030 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HID2030 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2030 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2030 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HID2030 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HID2030 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Connection side
field side
Connection
SL2: 5a(+), 5b, 7a(-); 1a(+), 1b, 3b(-)
Input current
4 ... 20 mA , current limit 26 mA typ.
Input resistance
40 Ω , for current source
Ripple
10 mV eff
Voltage
min. 15.5 V at 20 mA
Communication
pass-through of HART signal to safe area
The current sink terminals 4, 7 and 5, 6 do not pass the HART signal to safe area.
Output
Connection side
control side
Connection
SL1: 8a(+), 7a(-); 10a(+), 9a(-)
Load
0 ... 650 Ω
Output signal
4 ... 20 mA or 1 ... 5 V (on 250 Ω, 0.1 % internal shunt)
Ripple
10 mV eff on a load of 250 Ω
Response time
70 ms , 10 ... 90 % step change
Signal level
no fault: 1 mA ... 23.5 mA input current
fault detection: < 0.2 mA or > 24 mA input current
Fault indication output
Connection
SL1: 6b
Output type
open collector transistor (common to both channels)
fault bus signal, collective error message
Transfer characteristics
Calibrated accuracy
< ± 0.1 % of full-scale value (current output)
Influence of temperature
< ± 0.01 %/ K
Frequency range
communication channel: 0.5 ... 40 kHz within 3 db, (-6 db at 100 kHz), Tx to output and
output to Tx,
suitable for use with SMART transmitters using HART or similar protocol
Influence of load
< ± 0.1 % of full-scale value from 0 ... 650 Ω
Linearity
< ± 0.05 % of full-scale value
Galvanic isolation
Output/power supply
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Output/Output
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2006
For further information see system description.
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Relative humidity
5 ... 90 %, non-condensing up to 35 °C (95 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 140 g
Dimensions
18 x 114 x 130 mm (0.7 x 4.5 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
Coding
pin 1 and 3 trimmed
For further information see system description.
Data for application in connection with hazardous areas
EU-type examination certificate
CESI 02 ATEX 086
SMART Transmitter Power Supply
HiD2030
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com