Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFSM Datasheet(PDF) 1 Page - Schurter Inc.

Part # PFSM
Description  Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFSM Datasheet(HTML) 1 Page - Schurter Inc.

  PFSM_V02 Datasheet HTML 1Page - Schurter Inc. PFSM_V02 Datasheet HTML 2Page - Schurter Inc. PFSM_V02 Datasheet HTML 3Page - Schurter Inc. PFSM_V02 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Resettable Fuses
PFSM
https://www.schurter.com /PG01_1
Circuit Protection
Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
See below:
Approvals and Compliances
6.0 - 60.0VDC · 0.3 - 2.6A
Description
- Directly solderable on printed circuit boards
- Compliant with customer individual selection of test conditions of AEC-
Q200 Rev-C-
Applications
- Computer & Peripherals
- General electronics
- Automotive applications
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
V max
6.0 - 60.0 VDC
Imax
40 - 100 A
I hold
0.3 - 2.6 A
Attachment
PCB,SMT
Allowable Operation Tempe-
rature
-40 °C to 85 °C
Material: Terminals
Tin-Plated Brass
Weight
0.4 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, I hold, Data Code
Soldering Methods
Reflow
Soldering Profile
Solderability
245 °C / 3 sec
Resistance to Soldering Heat
260 °C / 10 sec
Moisture Sensitivity Level
MSL 1, J-STD-020
Passing Aging
+85 °C, 1000 Hours -> +/- 5% Typical
Resistance Change
Humidity Aging
+85 °C, 85% r.h., 7 Days -> +/- 5% Ty-
pical Resistance Change
Thermal Shock
MIL-STD-202, Method 107 (+125 °C to
-55 °C, 10 Cycles) -> +/- 15% Typical
Resistance Change
Vibration
MIL-STD-883C, Method 2007.1, Test
Condition A
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: PFSM
Approval Logo
Certificates
Certification Body
Description
TUEV Approvals
TUEV
Technischer Überwachungsverein
UL Approvals
UL
UL File Number: E172175


Similar Part No. - PFSM_V02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFSM.030.2 SCHURTER-PFSM.030.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.050.2 SCHURTER-PFSM.050.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.075.2 SCHURTER-PFSM.075.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.100.2 SCHURTER-PFSM.100.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFSM.100.33.2 SCHURTER-PFSM.100.33.2 Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
More results

Similar Description - PFSM_V02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFDF SCHURTER-PFDF Datasheet
420Kb / 2P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFHT SCHURTER-PFHT Datasheet
429Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 16 VDC, up to 125 째C
PFMF SCHURTER-PFMF Datasheet
462Kb / 3P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
PFSM SCHURTER-PFSM Datasheet
478Kb / 3P
Surface Mount Fuse, PTC, 2029 or 3425 footprint, 60 VDC
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
PFDF SCHURTER-PFDF_17 Datasheet
243Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFDF SCHURTER-PFDF_V02 Datasheet
254Kb / 3P
Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
04.01.2022
PFNF SCHURTER-PFNF_V02 Datasheet
328Kb / 4P
Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
04.01.2022
PFMF SCHURTER-PFMF_V01 Datasheet
363Kb / 4P
Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
PFUF SCHURTER-PFUF_V01 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com