Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB34-2500 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VB34-2500
Description  Barcode scanner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB34-2500 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VB34-2500 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Barcode scanner
VB34-2500
< Optimized for the requirements of the automobile industry
< Dynamic focusing system
< Fast Lonworks interface for master/slave configurations
< Display and keypad for parameter settings
Barcode scanner
Dimensions
16.5
110
76
85
M4 N°4
PROF. 6 mm
Technical Data
General specifications
Light source
laser diode
Light type
modulated visible red light
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
2
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VB34-2500

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VB34-2500-OM PF-VB34-2500-OM Datasheet
1Mb / 5P
Barcode scanner
VB34-2500-OM-P PF-VB34-2500-OM-P Datasheet
1Mb / 5P
Barcode scanner
VB34-2500-P PF-VB34-2500-P Datasheet
1Mb / 5P
Barcode scanner
More results

Similar Description - VB34-2500

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VB34-2500-OM-P PF-VB34-2500-OM-P Datasheet
1Mb / 5P
Barcode scanner
TC1200-1100 PF-TC1200-1100 Datasheet
151Kb / 2P
Barcode scanner
VB14N-600-T PF-VB14N-600-T Datasheet
1Mb / 5P
Barcode scanner
VB14N-300-R-6102 PF-VB14N-300-R-6102 Datasheet
1Mb / 6P
Barcode scanner
VB14N-600-R-6102 PF-VB14N-600-R-6102 Datasheet
1Mb / 6P
Barcode scanner
VB14N-400-T PF-VB14N-400-T Datasheet
1Mb / 5P
Barcode scanner
VB14N-600-T-R PF-VB14N-600-T-R Datasheet
1Mb / 5P
Barcode scanner
VB34-2500-OM PF-VB34-2500-OM Datasheet
1Mb / 5P
Barcode scanner
VB14N-300-R PF-VB14N-300-R Datasheet
1Mb / 6P
Barcode scanner
VB14N-400-T-R PF-VB14N-400-T-R Datasheet
1Mb / 5P
Barcode scanner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com