Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCS3B-OPH Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS3B-OPH
Description  Outdoor protective housing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3B-OPH Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS3B-OPH Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
WCS3B-OPH
Model number
WCS3B-OPH
Outdoor protective housing for reader
WCS3B
Features
• Accessory WCS3B
• Selectable connector position: left,
middle, right
•SSI interface
• RS 485 interface
•CANopen interface
Accessories
WCS3B-OBP
Stopping plugs For WCS3B-OP* housing
Dimensions
Technical data
Mechanical specifications
Material
Housing
PET , PC (Polycarbonate)
Gasket: EPDM
Mass
750 g
42.5
239.3
110
119
117
215
28.2
195
M6 (4x)
Outdoor protective housing


Similar Part No. - WCS3B-OPH

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS3B-LS111 PF-WCS3B-LS111 Datasheet
263Kb / 2P
Read head
WCS3B-LS116D PF-WCS3B-LS116D Datasheet
286Kb / 2P
Read head
WCS3B-LS121 PF-WCS3B-LS121 Datasheet
263Kb / 2P
Read head
WCS3B-LS146 PF-WCS3B-LS146 Datasheet
264Kb / 2P
Read head
WCS3B-LS147D PF-WCS3B-LS147D Datasheet
286Kb / 2P
Read head
More results

Similar Description - WCS3B-OPH

ManufacturerPart #DatasheetDescription
logo
Level One
DOH-1000 LVL1-DOH-1000 Datasheet
155Kb / 2P
Domed Outdoor Housing
logo
M-System Co.,Ltd.
BXW1 MSYSTEM-BXW1 Datasheet
111Kb / 3P
OUTDOOR HOUSING
logo
Pepperl+Fuchs Inc.
WCS3B-LS510-OM PF-WCS3B-LS510-OM Datasheet
912Kb / 3P
Reader with protective housing
WCS3B-LS510D-OM PF-WCS3B-LS510D-OM Datasheet
912Kb / 3P
Reader with protective housing
WCS3B-LS510DH-OM PF-WCS3B-LS510DH-OM Datasheet
912Kb / 3P
Reader with protective housing
WCS3B-LS510H-OM PF-WCS3B-LS510H-OM Datasheet
912Kb / 3P
Reader with protective housing
WCS3B-LS610-OM PF-WCS3B-LS610-OM Datasheet
917Kb / 3P
Reader with protective housing
WCS3B-LS610D-OM PF-WCS3B-LS610D-OM Datasheet
917Kb / 3P
Reader with protective housing
WCS3B-LS610DH-OM PF-WCS3B-LS610DH-OM Datasheet
918Kb / 3P
Reader with protective housing
WCS3B-LS610H-OM PF-WCS3B-LS610H-OM Datasheet
917Kb / 3P
Reader with protective housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com