Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP21 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GP21
Description  IEC Plug 400 VDC, Rewireable, Straight, max. Cable Diameter 9.2 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GP21 Datasheet(HTML) 1 Page - Schurter Inc.

  GP21 Datasheet HTML 1Page - Schurter Inc. GP21 Datasheet HTML 2Page - Schurter Inc. GP21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Cord Connectors (Rewireable)
GP21
https://www.schurter.com /PG07
Connectors
IEC Plug 400 VDC, Rewireable, Straight, max. Cable Diameter 9.2 mm
GP21 rewireable cord plug for 400 VDC systems
up to 2.6 kW
See below:
Approvals and Compliances
Standard
Sheet 2
Description
- Plug (rewireable) :
Screw-on mounting
- Plug , Protection class I
- Wire size 0.75-1.5mm², 18AWG-16AWG
- Cable diameter 6.4 - 9.2 mm
Unique Selling Proposition
- Standard form acc. to IEC TS 62735-1
- Hot plug rated for disconnecting under loads up to 2.6 kW
- Ideal for compact PDU applications with an operating temperature up
to 105 °C
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Mounting instruction, Detailed
request for product, Landing Page, Video
Technical Data
Ratings IEC
6.5 - 8.8 A / 400 - 294 VDC
max. 2.6 kW power
Dielectric Strength
> 3 kVDC between + and -
> 3 kVDC between +/- and PE
(1 min)
Allowable Operation Tempe-
rature
-5 °C to 105 °C
Terminal
Screw terminal
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
Standard Sheet 2 acc. to IEC TS
62735-1
Protection Class I , ± 200 VDC
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: GP21
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40051172
UL Approvals
UL
UR File Number: E502317


Similar Part No. - GP21

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP210 DEC-GP210 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
Cornell Dubilier Electr...
GP210 CDE-GP210 Datasheet
170Kb / 2P
Disc Ceramic Capacitors
logo
Mallory performance clu...
GP210 MALLORY-GP210 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Power-One
GP2101-7R POWER-ONE-GP2101-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
List of Unclassifed Man...
GP210AAHCB ETC-GP210AAHCB Datasheet
128Kb / 1P
Rechargeable Nickel Metal
More results

Similar Description - GP21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4732 SCHURTER-4732 Datasheet
405Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4735 SCHURTER-4735 Datasheet
405Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735 SCHURTER-4735_18 Datasheet
292Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4732 SCHURTER-4732_18 Datasheet
292Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4736_1810 SCHURTER-4736_1810 Datasheet
298Kb / 3P
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4732 SCHURTER-4732_21 Datasheet
332Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4736 SCHURTER-4736_21 Datasheet
324Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4735 SCHURTER-4735_21 Datasheet
332Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4732 SCHURTER-4732_V01 Datasheet
332Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
10.12.2021
4735 SCHURTER-4735_V01 Datasheet
332Kb / 4P
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com